Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP006B Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP006B
Description  TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP006B Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP006B Datasheet HTML 17Page - Texas Instruments TMP006B Datasheet HTML 18Page - Texas Instruments TMP006B Datasheet HTML 19Page - Texas Instruments TMP006B Datasheet HTML 20Page - Texas Instruments TMP006B Datasheet HTML 21Page - Texas Instruments TMP006B Datasheet HTML 22Page - Texas Instruments TMP006B Datasheet HTML 23Page - Texas Instruments TMP006B Datasheet HTML 24Page - Texas Instruments TMP006B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
ADR1
SCL
SDA
AGND
V+
DRDY
Two-Wire
Controller
A3
B1
C2
B3
C3
A2
TMP006
2.5 V to 5.5 V
0.01 µF
ADR0
C1
DGND
A1
10 k
10 k
10 k
V+
TMP006, TMP006B
www.ti.com
SBOS518E – MAY 2011 – REVISED APRIL 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TMP006 and TMP006B are a complete IR thermopile sensor system on a chip that includes the sensing
element, signal conditioner, and ADC. These devices are ideal for applications where the object cannot be
placed in thermal contact with a conventional temperature sensor. Common reasons for noncontact temperature
sensing are:
•
Distance; the object is too far away, or in an inconvenient location for wired connections.
•
The object is in motion.
•
Direct contact of the object is inconvenient or uncomfortable (for example, skin).
•
The object is a fluid (that is, liquid or gas).
•
The object is hazardous (for example, acid or flammable).
•
The object is in a hazardous state (for example, high voltage).
9.2 Typical Application
9.2.1 Wide-Range Calibration Example: TOBJ = 0°C to 60°C, Common vs Unit Calibration
Figure 19. Typical Application Circuit
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TMP006 TMP006B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com