Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP107 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP107
Description  TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP107 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP107 Datasheet HTML 9Page - Texas Instruments TMP107 Datasheet HTML 10Page - Texas Instruments TMP107 Datasheet HTML 11Page - Texas Instruments TMP107 Datasheet HTML 12Page - Texas Instruments TMP107 Datasheet HTML 13Page - Texas Instruments TMP107 Datasheet HTML 14Page - Texas Instruments TMP107 Datasheet HTML 15Page - Texas Instruments TMP107 Datasheet HTML 16Page - Texas Instruments TMP107 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
High Limit
Low Limit
Time
Measured
Temperature
FHx
FLx (Always 0)
Configuration and Temperature
Register Reads
ALERTx Pin
Global Alert Clear x Command
TMP107
www.ti.com
SBOS716B – MAY 2015 – REVISED SEPTEMBER 2015
In therm mode (Tx/Ax = 1), the high and low limits are used to form an upper-limit threshold detector. If the
temperature result exceeds the high limit, the FHx flag and the ALERTx pin are asserted. The FHx flag and the
ALERTx pin are then deasserted only after the temperature falls below the low limit. In therm mode, only the FHx
flag is active. The FLx flag always reads 0. In therm mode, ALERTx and the flags are asserted and deasserted
only at the end of a conversion and cannot be cleared by a configuration register read or global alert clear x
command. Figure 17 shows therm-mode operation.
Figure 17. ALERTx Pin Behavior in Therm Mode (POLx = 0)
The limit registers default values are programmed in the EEPROM, and are acquired during power up or reset.
The values can be dynamically changed by writing to the register. Disable alert and flag functionality by
programming the high limit register to the highest temperature (7FFCh) and the low limit register to the lowest
temperature (8000h). When disabled, the alert pins can still be controlled by polarity bits POL1 and POL2 (bit 7
and bit 3, respectively, in the configuration register) so that they work like general-purpose outputs (GPOs).
7.3.2.1 ALERT1, ALERT2, R1, and R2 Pins
ALERT1 and ALERT2 are open-drain output pins that require pullup resistors to operate properly. The TMP107
contains internal 100-k
Ω pullup resistors connected between pins ALERT1 and R1, and pins ALERT2 and R2.
To use the internal pullup resistors, connect pins R1 and R2 to V+, or to a voltage suitable for use with pullup
resistors in the system. If external pullup resistors are used, float pins R1 and R2.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TMP107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com