Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-M600 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-M600
Description  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-M600 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-M600 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
The HCPL-M600/01/11 are
suitable for high speed logic
interfacing,input/output
buffering, as line receivers in
environmentsthatconventional
line receivers cannot tolerate, and
are recommended for use in
extremely high ground or induced
noise environments.
Outline Drawing (JEDEC MO-155)
Applications
• Isolated Line Receiver
• Simplex/Multiplex Data
Transmission
•Computer-Peripheral
Interface
•MicroprocessorSystem
Interface
• Digital Isolation for A/D, D/A
Conversion
•SwitchingPowerSupply
•InstrumentInput/Output
Isolation
•GroundLoopElimination
•PulseTransformer
Replacement
Pin Location (for reference only)
Schematic
7.2
(0.28)
0.9
(0.04)
2.5
(0.10)
1.3
(0.05)
0.3
(0.01)
0.5
(0.02)
4.4
(0.17)
HCPL-M601/11 SHIELD
6
5
4
1
3
USE OF A 0.1 µF BYPASS CAPACITOR
MUST BE CONNECTED BETWEEN PINS
6 AND 4 (SEE NOTE 1).
IF
ICC
VCC
VO
GND
IO
+
–
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
OUTPUT
L
H
MXXX
XXX
6
5
4
3
1
7.0 ± 0.2
(0.276 ± 0.008)
2.5 ± 0.1
(0.098 ± 0.004)
0.102 ± 0.102
(0.004 ± 0.004)
VCC
VOUT
GND
CATHODE
ANODE
4.4 ± 0.1
(0.173 ± 0.004)
1.27
(0.050)
BSG
0.15 ± 0.025
(0.006 ± 0.001)
0.71
(0.028)
MIN.
0.4 ± 0.05
(0.016 ± 0.002)
3.6 ± 0.1*
(0.142 ± 0.004)
"Agilent" IS MARKED ON THE
UNDERSIDE OF THE PACKAGE
DIMENSIONS IN MILLIMETERS (INCHES)
* MAXIMUM MOLD FLASH ON EACH SIDE IS 0.15 mm (0.006)
7° MAX.
MAX. LEAD COPLANARITY
= 0.102 (0.004)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com