Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5903CF Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM5903CF
Description  compression and non compression type anti-shock memory controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5903CF Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5903CF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5903CF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5903CF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5903CF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5903CF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5903CF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5903CF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5903CF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5903CF Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
NIPPON PRECISION CIRCUITS-13
SM5903CF
Bit
Name
Function
H operation
Reset level
D7
D6
MUTE
Forced muting (changes instantaneously)
Mute ON
L
D5
D4
D3
CMP12
12-bit comparison connect/ 16-bit comparison connect
12-bit comparison
L
D2
D1
D0
1000 0011
83hex =
Refer to Force mute, 12-bit comparison connection.
Bit
Name
Function
H operation Reset level
D7
RAMS1
DRAM type setting
L
RAMS1=0 RAMS2=0 when 1MDRAM(256k
× 4bit) × single
RAMS1=1 RAMS2=0 when 4MDRAM(1M
× 4bit) × single
D6
RAMS2
RAMS1=0 RAMS2=1 when 4MDRAM(1M
× 4bit) × double
L
RAMS1=1 RAMS2=1 when 16MDRAM(4M
× 4bit) × single
D5
YFLGS
FLAG6 set conditions (reset using status read command 90H)
L
- When YFLGS=0, YFCKP=0, YFCLK input falling edge, YFLAG=L
- When YFLGS=0, YFCKP=1, YFCLK input rising edge, YFLAG=L
D4
YFCKP
- When YFLGS=1, YFCKP=0, YFLAG=L
L
- When YFLGS=1, YFCKP=1, YFLAG=H
D3
COMPFB
Full-bit compression mode
L
D2
COMP6B
6-bit compression mode
H
D1
COMP5B
5-bit compression mode
L
D0
COMP4B
4-bit compression mode
L
1000 0101
85hex =
When the number of compression bits is set incorrectly (2 or more bits in D0 to D3 are set to 1 or all bits are set to 0),
6-bit compression mode is selected.
MUTE, CMP12 settings 83
Option settings 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com