Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G708 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G708
Description  Resistor-Programmable SOT Temperature Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G708 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G708 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 1.6
Aug 30, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G708
Global Mixed-mode Technology Inc.
Resistor-Programmable SOT Temperature Switches
Features
±0.5°C Typical Threshold Accuracy
±3.5°C (max) Threshold Accuracy(0°C to +125°C)
±3°C Threshold Accuracy(60°C to +100°C)
Temperature Threshold Set by a 1% External
Resistor
Low 33µA Supply Current
Open-Drain Active Low Output Stage
Guaranteed Reset Valid to VCC = 0.8V
Pin-Selectable 10°C or 30°C Hysteresis
SOT-23-5 and TDFN2X2-8 Packages
Applications
µP Temperature Monitoring in High-Speed
Computers
Temperature Control
Temperature Alarms
Fan Control
Automotive
General Description
The G708 are fully integrated, resistor programmable
temperature switches with thresholds set by an exter-
nal resistor. They require only one external resistor to
set the temperature threshold within a wide 0°C to
+125°C temperature range. The G708 provides an
open-drain, active low output. These switches operate
with a +2.7V to +5.5V single supply while providing a
temperature threshold accuracy of
±0.5°C (TYP) or
±3.5°C (MAX) or ±3°C (60°C to +100°C). They typi-
cally consume 33µA supply current. Hysteresis is pin
selectable to 10°C or 30°C. The G708 are available in
5-pin SOT-23 and TDFN2X2-8 packages.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G708T1U
708xx
-40°C~+125°C
SOT-23-5
G708RCU
708
-40°C~+125°C
TDFN2X2-8
Note:T1 : SOT-23-5 RC: TDFN2X2-8
U : Tape & Reel
is 2.63V
Pin Configuration
Typical Application Circuit
GND
µP
VCC
GND
VCC
SET
OT
470k
Ω
0.1µF
R
SET
HYST
150
Ω
2.7V to 5.5V
G708
SOT-23-5
5
1
2
HYST
4
3
OT
SET
VCC
GND
G708
TDFN2X2-8
1
2
3
4
8
7
6
5
GND
Thermal
Pad
VCC
OT
NC
HYST
G708
NC
NC
SET
Note 1:Thermal Pad is NC
Note 2:Connect Thermal Pad and pin 6,7,8
to heat source by PCB copper for
good heat conduction.
GND
µP
VCC
GND
VCC
SET
OT
470k
Ω
0.1µF
R
SET
HYST
150
Ω
2.7V to 5.5V
G708
SOT-23-5
5
1
2
HYST
4
3
OT
SET
VCC
GND
G708
TDFN2X2-8
1
2
3
4
8
7
6
5
GND
Thermal
Pad
VCC
OT
NC
HYST
G708
NC
NC
SET
Note 1:Thermal Pad is NC
Note 2:Connect Thermal Pad and pin 6,7,8
to heat source by PCB copper for
good heat conduction.


Similar Part No. - G708

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G700500250G ETC2-G700500250G Datasheet
1Mb / 16P
INDUSTRY STANDARDS
logo
Goford Semiconductor
G700P06D3 GOFORD-G700P06D3 Datasheet
653Kb / 6P
P-Channel Enhancement Mode Power MOSFET
G700P06D3A GOFORD-G700P06D3A Datasheet
924Kb / 6P
P-Channel Enhancement Mode Power MOSFET
G700P06D5 GOFORD-G700P06D5 Datasheet
950Kb / 6P
P-Channel Enhancement Mode Power MOSFET
G700P06H GOFORD-G700P06H Datasheet
816Kb / 6P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - G708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
logo
Microchip Technology
MCP9509 MICROCHIP-MCP9509 Datasheet
501Kb / 28P
Resistor-Programmable Temperature Switches
2008
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
MAX6510HAUT MAXIM-MAX6510HAUT Datasheet
156Kb / 9P
Resistor-Programmable SOT Temperature Switches
Rev 3; 5/13
logo
Microchip Technology
MCP9509CT-E MICROCHIP-MCP9509CT-E Datasheet
335Kb / 28P
Resistor-Programmable Temperature Switches
01/02/08
MCP9509HT-E MICROCHIP-MCP9509HT-E Datasheet
335Kb / 28P
Resistor-Programmable Temperature Switches
01/02/08
MCP9510HT-E MICROCHIP-MCP9510HT-E Datasheet
346Kb / 28P
Resistor-Programmable Temperature Switches
01/02/08
logo
Global Mixed-mode Techn...
G709 GMT-G709 Datasheet
40Kb / 1P
Resistor-Programmable SOT Temperature Switches
G705 GMT-G705 Datasheet
84Kb / 1P
Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
Resistor-Programmable SOT Temperature Switches
2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com