Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CME2425K Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # CME2425K
Description  Engineering Development/Design Sample Kits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

CME2425K Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  CME2425K Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Engineering Development/Design
Sample Kits
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California 92571
Publish Date: December 4, 2013
H
L
W
CME2425K
Description:
This kit contains representative samples of our high frequency Common Mode
Inductors. They are useful for a variety of developmental needs including circuit
simulation, circuit testing, prototyping and agency evaluations. All items in this kit
meet specifications listed in the catalog section referring to the product. This kit is
housed in an easy to see, easy to store clear polycarbonate box with a convenient
snap closing hinged lid.
Electrical Specifications (@25C):
Dimensions:
Height
= 2.0”
Width
= 5.5”
Length
= 7.25”
Weight
= 0.50 Lbs.
For more detailed specifications on individual parts, click on the part number or
visit us at: www.TriadMagnetics.com
RoHS Compliance:
As of manufacturing date February 2005, all standard products meet the
requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad
Magnetics’ website for the most current version.
Part
No.
Inductance
mH min.
Amps
R.M.S
Max. DC
Resistance
Min.
Leakage
CME2425-1
1.05
2.5
0.050 Ω
9.0µH
CME2425-2
2.37
2.0
0.080 Ω
14.0µH
CME2425-3
3.8
1.6
0.127 Ω
25.0µH
CME2425-4
6.0
1.28
0.202 Ω
36.0µH
CME2425-5
9.8
1.00
0.319 Ω
60.0µH
CME2425-6
16.0
0.80
0.500 Ω
90.0µH
CME2425-7
27.7
0.63
0.820 Ω
144.0µH
CME2425-8
40.5
0.50
1.260 Ω
240.0µH
CME2425-9
67.5
0.40
2.020 Ω
360.0µH


Similar Part No. - CME2425K

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
CME2425-1 TRIAD-CME2425-1 Datasheet
84Kb / 1P
SWITCHMODE/HIGH FREQUENCY - COMMON MODE INDUCTORS
CME2425-1 TRIAD-CME2425-1_13 Datasheet
85Kb / 1P
Switchmode/High Frequency Common Mode Inductors
CME2425-2 TRIAD-CME2425-2 Datasheet
84Kb / 1P
Switchmode/High Frequency Common Mode Inductors
CME2425-2 TRIAD-CME2425-2_13 Datasheet
85Kb / 1P
Switchmode/High Frequency Common Mode Inductors
CME2425-3 TRIAD-CME2425-3 Datasheet
84Kb / 1P
SWITCHMODE/HIGH FREQUENCY - COMMON MODE INDUCTORS
More results

Similar Description - CME2425K

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9401 3M-9401 Datasheet
1Mb / 3P
Sample Development Design Kits for High Speed Cabling and Connectors
01-Oct-2008
logo
Murata Manufacturing Co...
EKLMQ18GB MURATA-EKLMQ18GB Datasheet
1,015Kb / 39P
DESIGN ENGINEERING KITS
logo
Johanson Technology Inc...
S-0603 JOHANSON-S-0603 Datasheet
61Kb / 2P
CERAMIC CAPACITOR ENGINEERING DESIGN KITS
logo
TRIAD MAGNETICS
CME375K TRIAD-CME375K Datasheet
82Kb / 1P
Engineering Development/Design Sample Kits
CMT908K TRIAD-CMT908K Datasheet
83Kb / 1P
Engineering Development/Design Sample Kits
CST206K TRIAD-CST206K Datasheet
77Kb / 1P
Engineering Development/Design Sample Kits
CST306K TRIAD-CST306K Datasheet
76Kb / 1P
Engineering Development/Design Sample Kits
GDE25K TRIAD-GDE25K Datasheet
83Kb / 1P
Engineering Development/Design Sample Kits
logo
RFbeam Microwave GmbH
K-MD2 RFBEAM-K-MD2 Datasheet
1Mb / 23P
Engineering Sample
logo
Linx Technologies
EVAL-916-SC-P LINX-EVAL-916-SC-P Datasheet
89Kb / 1P
EVALUATION/DEVELOPMENT KITS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com