Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016D-90F4E Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM29F016D-90F4E
Description  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016D-90F4E Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM29F016D-90F4E Datasheet HTML 10Page - Advanced Micro Devices AM29F016D-90F4E Datasheet HTML 11Page - Advanced Micro Devices AM29F016D-90F4E Datasheet HTML 12Page - Advanced Micro Devices AM29F016D-90F4E Datasheet HTML 13Page - Advanced Micro Devices AM29F016D-90F4E Datasheet HTML 14Page - Advanced Micro Devices AM29F016D-90F4E Datasheet HTML 15Page - Advanced Micro Devices AM29F016D-90F4E Datasheet HTML 16Page - Advanced Micro Devices AM29F016D-90F4E Datasheet HTML 17Page - Advanced Micro Devices AM29F016D-90F4E Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
Am29F016D
13
Once VID is removed from the RESET# pin, all the
pre v io us ly
pr ote c t ed
s e c t o r
g r oups
are
protected again. Figure 1 shows the algorithm, and
the Temporary Sector Group Unprotect diagram (Fig-
ure 16) shows the timing waveforms, for this feature.
Hardware Data Protection
The command sequence requirement of unlock cycles
for programming or erasing provides data protection
against inadvertent writes (refer to the Command Defi-
nitions table). In addition, the following hardware data
protection measures prevent accidental erasure or pro-
gramming, which might otherwise be caused by spuri-
ous system level signals during VCC power-up and
power-down transitions, or from system noise.
Low VCC Write Inhibit
When VCC is less than VLKO, the device does not ac-
cept any write cycles. This protects data during VCC
power-up and power-down. The command register and
all internal program/erase circuits are disabled, and the
device resets. Subsequent writes are ignored until VCC
is greater than VLKO. The system must provide the
proper signals to the control pins to prevent uninten-
tional writes when VCC is greater than VLKO.
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on OE#, CE# or
WE# do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of OE#
= VIL, CE# = VIH or WE# = VIH. To initiate a write cy-
cle, CE# and WE# must be a logical zero while OE#
is a logical one.
Power-Up Write Inhibit
If WE# = CE# = VIL and OE# = VIH during power up, the
device does not accept commands on the rising edge
of WE#. The internal state machine is automatically
reset to reading array data on power-up.
START
Perform Erase or
Program Operations
RESET# = VIH
Temporary
Sector Group Unprotect
Completed (Note 2)
RESET# = VID
(Note 1)
Notes:
1. All protected sector groups unprotected.
2. All previously protected sector groups are protected
once again.
Figure 1.
Temporary Sector Group Unprotect
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com