Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3653C Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3653C
Description  VERTICAL DEFLECTION AND GUARD CIRCUIT 90째
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3653C Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3653C Datasheet HTML 4Page - NXP Semiconductors TDA3653C Datasheet HTML 5Page - NXP Semiconductors TDA3653C Datasheet HTML 6Page - NXP Semiconductors TDA3653C Datasheet HTML 7Page - NXP Semiconductors TDA3653C Datasheet HTML 8Page - NXP Semiconductors TDA3653C Datasheet HTML 9Page - NXP Semiconductors TDA3653C Datasheet HTML 10Page - NXP Semiconductors TDA3653C Datasheet HTML 11Page - NXP Semiconductors TDA3653C Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
March 1991
8
Philips Semiconductors
Product specification
Vertical deflection and guard circuit (90˚)
TDA3653B
TDA3653C
APPLICATION INFORMATION
Fig.4
Typical application circuit diagram of the TDA3653B/C (vertical output), when used in combination with
the TDA2578A (see Fig.5).
Note to deflection coils AT1236/20: L = 29 mH, R = 13.6
Ω; deflection current without overscan is 0.82 A peak-to-peak and EHT voltage is 25 kV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com