Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5905AF Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM5905AF
Description  compression and non compression type shock-proof memory controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5905AF Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5905AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5905AF Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
NIPPON PRECISION CIRCUITS-13
SM5905AF
Bit
Name
Function
H operation
Reset level
D7
ATT
Attenuator enable
Attenuator ON
L
D6
MUTE
Forced muting (changes instantaneously)
Mute ON
L
D5
SOFT
Soft muting (changes smoothly when ON only)
Soft mute
L
D4
NS
Includes noise shaper function when encoding
NS ON
L
D3
CMP12
12-bit comparison connect/ 16-bit comparison connect
12-bit comparison
L
D2
D1
D0
1000 0011
83hex =
Refer to "Attenuation", "Soft mute", "Force mute", "12-bit comparison connection".
Bit
Name
Function
H operation Reset level
D7
K7
MSB 2
L
D6
K6
2
H
D5
K5
2
L
D4
K4
2
L
D3
K3
2
L
D2
K2
2
L
D1
K1
2
L
D0
K0
LSB 2
L
1000 0100
84hex =
Refer to "Attenuation", "Soft mute", "Force mute".
-1
-2
-3
-4
-5
-6
-7
-8
Bit
Name
Function
H operation Reset level
D7
D6
RAMX2
External DRAM select
used
L
D5
YFLGS
FLAG6 set conditions (reset using status read command 90H)
L
- When YFLGS=0, YFCKP=0, YFCLK input falling edge, YFLAG=L
- When YFLGS=0, YFCKP=1, YFCLK input rising edge, YFLAG=L
D4
YFCKP
- When YFLGS=1, YFCKP=0, YFLAG=L
L
- When YFLGS=1, YFCKP=1, YFLAG=H
D3
COMPFB
Full-bit compression mode
L
D2
COMP6B
6-bit compression mode
H
D1
COMP8B
8-bit compression mode
L
D0
COMP4B
4-bit compression mode
L
1000 0101
85hex =
When the number of compression bits is set incorrectly (2 or more bits in D0 to D3 are set to 1 or all bits are set to 0),
6-bit compression mode is selected.
ATT, MUTE settings 83
Attenuation level settings 84
Option settings 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com