Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV772MAX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMV772MAX/NOPB
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV772MAX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMV772MAX/NOPB Datasheet HTML 17Page - Texas Instruments LMV772MAX/NOPB Datasheet HTML 18Page - Texas Instruments LMV772MAX/NOPB Datasheet HTML 19Page - Texas Instruments LMV772MAX/NOPB Datasheet HTML 20Page - Texas Instruments LMV772MAX/NOPB Datasheet HTML 21Page - Texas Instruments LMV772MAX/NOPB Datasheet HTML 22Page - Texas Instruments LMV772MAX/NOPB Datasheet HTML 23Page - Texas Instruments LMV772MAX/NOPB Datasheet HTML 24Page - Texas Instruments LMV772MAX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
100
1k
10k
100k
400k
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
DC GAIN =
R5 + R6
R6
R1 + R4
R1
= -14.8 dB
Q =
11
2
=
1
2
R5 + R6
R6
Zc =
C2R2
1
C2C3R2R3
C3R3
R5 + R6
R6
R1
R1 + R4
and
Q =
LMV771, LMV772, LMV774
www.ti.com
SNOSA04F – MAY 2004 – REVISED SEPTEMBER 2010
(26)
A design example is shown here:
Designing a bandpass filter with center frequency of 10kHz and Quality Factor of 5.5
To do this, first consider the Quality Factor. It is best to pick convenient values for the capacitors. C2 = C3 =
1000pF. Also, choose R1 = R4 = 30kΩ. Now values of R5 and R6 need to be calculated. With the chosen values
for the capacitors and resistors, Q reduces to:
(27)
or
R5 = 10R6 R6 = 1.5kΩ R5 = 15kΩ
(28)
Also, for f = 10kHz, the center frequency is
ωc = 2πf = 62.8kHz.
Using the expressions above, the appropriate resistor values will be R2 = R3 = 16kΩ.
The following graphs show the transfer function of each of the filters. The DC gain of this circuit is:
The frequency responses of each stage of the state variable active filter when implemented with the LMV774 are
shown in the following figures:
Figure 14. Lowpass Filter Frequency Response
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMV771 LMV772 LMV774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com