Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV772MM Datasheet(PDF) 19 Page - Texas Instruments

Part # LMV772MM
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV772MM Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMV772MM Datasheet HTML 15Page - Texas Instruments LMV772MM Datasheet HTML 16Page - Texas Instruments LMV772MM Datasheet HTML 17Page - Texas Instruments LMV772MM Datasheet HTML 18Page - Texas Instruments LMV772MM Datasheet HTML 19Page - Texas Instruments LMV772MM Datasheet HTML 20Page - Texas Instruments LMV772MM Datasheet HTML 21Page - Texas Instruments LMV772MM Datasheet HTML 22Page - Texas Instruments LMV772MM Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
VO1
R1
R5
R6
VO
VIN
VO2
R4
A1
-
+
VLP
VBP
VHP
VIN
R4
R1
+
-
R2
C2
A2
+
-
R3
C3
A3
+
-
A1
R6
R5
dB
0
f1
-20dB/dec
f (Hz)
|H
|
|HO|
f2
20dB/dec
LMV771, LMV772, LMV774
www.ti.com
SNOSA04F – MAY 2004 – REVISED SEPTEMBER 2010
Figure 12. Bandpass filter Transfer Function
STATE VARIABLE ACTIVE FILTER
State variable active filters are circuits that can simultaneously represent high pass, band pass, and low pass
filters. The state variable active filter uses three separate amplifiers to achieve this task. A typical state variable
active filter is shown in Figure 13. The first amplifier in the circuit is connected as a gain stage. The second and
third amplifiers are connected as integrators, which means they behave as low pass filters. The feedback path
from the output of the third amplifier to the first amplifier enables this low frequency signal to be fed back with a
finite and fairly low closed loop gain. This is while the high frequency signal on the input is still gained up by the
open loop gain of the 1st amplifier. This makes the first amplifier a high pass filter. The high pass signal is then
fed into a low pass filter. The outcome is a band pass signal, meaning the second amplifier is a band pass filter.
This signal is then fed into the third amplifiers input and so, the third amplifier behaves as a simple low pass
filter.
Figure 13. State Variable Active Filter
The transfer function of each filter needs to be calculated. The derivations will be more trivial if each stage of the
filter is shown on its own.
The three components are:
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMV771 LMV772 LMV774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com