Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV772MMX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMV772MMX/NOPB
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV772MMX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV772MMX/NOPB Datasheet HTML 9Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 10Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 11Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 12Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 13Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 14Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 15Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 16Page - Texas Instruments LMV772MMX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
100
1k
10k
100k
1M
FREQUENCY (Hz)
0
20
40
60
80
100
120
140
RL = 100k:
VS = 2.7V, -PSRR
VS = 2.7V, +PSRR
VS = 5V, -PSRR
VS = 5V, +PSRR
100
1k
10k
100k
1M
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
100
RL = 5 k:
VS = 5V
VS = 2.7V
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
50
100
150
200
250
300
350
400
450
500
VCM (V)
25% OVERSHOOT
VS = ±2.5V
AV = +1
RL = 2k:
VO = 100mV
-2
-1.5
-1
-0.5
0
0.5
1
VCM (V)
0
50
100
150
200
250
1.5
25% OVERSHOOT
VS = ±2.5V
AV = +1
RL = 1M:
VO = 100mV
TIME (10 Ps/div)
VS = ±2.5V
TA = 125°C
RL = 2k:
TIME (10 Ps/div)
VS = ±2.5V
TA = 125°C
RL = 2k:
LMV771, LMV772, LMV774
www.ti.com
SNOSA04F – MAY 2004 – REVISED SEPTEMBER 2010
Typical Performance Characteristics (continued)
Inverting Small Signal Pulse Response
Inverting Large Signal Pulse Response
Stability
Stability
vs.
vs.
VCM
VCM
PSRR
CMRR
vs.
vs.
Frequency
Frequency
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMV771 LMV772 LMV774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com