Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4-XFXS-16PK-R1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R4-XFXS-16PK-R1
Description  Wide range PWM fan control from 500 to 1600 RPM.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R4-XFXS-16PK-R1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R4-XFXS-16PK-R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wave Shaped and small hub dimension
generate extra high airflow.
Anti-vibration rubber pads around the edges
to decrease noise.
Wide range PWM fan control from 500 to
1600 RPM.
Slim design with only 15mm thickness
suitable for any system with limited space
especially for LGA 2011.
Cooler Master is revving up the computing world once
again with its new XtraFlo Slim computer fan. Possessing
a rippling PWM fan design, and compact, versatile hub,
this unique, ingenious design provides a powerful airflow
to cool even the most sizzling gaming computers. With its
slim design with only 15mm thickness, it can apply on any
system with limited space especially for the latest LGA
2011.
Dimensions
120 x 120 x 15 mm (4.7 x 4.7 x 0.6 in)
Speed
500 – 1,600 RPM (PWM) ± 10%
Air Flow
17.4 – 58.4 CFM ± 10%
Air Pressure
0.18 – 1.76 mmH2O ± 10%
Life Expectancy
40,000 hrs
Noise Level
8 - 30 dBA
Bearing Type
Long Life Sleeve
Connector
4-Pin
Rated Voltage
12VDC
Rated Current
0.16A
Power Consumption
1.92W
Weight
79g (0.17lb)
Accessory
Rubber Pad x 4
Metal Screw x 4
EAN Code
4719512034910
UPC Code
884102014628
Package Dimensions
175 x 125 x 26 mm
(6.9 x 4.9 x 1 in)
Carton Dimensions
380 x 325 x 310 mm
(15 x 12.8 x 12.2 in)
Unit / Carton
40
Carton / Pallet
48
XtraFlo 120 Slim
R4-XFXS-16PK-R1
2 years
Features
Specifications
Package Information
Warranty


Similar Part No. - R4-XFXS-16PK-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R4-BMBS-20PK-R0 ETC2-R4-BMBS-20PK-R0 Datasheet
1Mb / 1P
Distinguished blade shape for airflow improvement.
logo
Sealevel Systems, Inc.
R4-CONFIG SEALEVEL-R4-CONFIG Datasheet
605Kb / 2P
Relio R4 Configurable 1U Rackmount Industrial Computer
logo
List of Unclassifed Man...
R4-SXDP-20FB-R1 ETC2-R4-SXDP-20FB-R1 Datasheet
112Kb / 1P
4th Generation Bearing ??MTBF of 160,000 hours thanks to highly durable POM components.
R4-SXDP-20FG-R1 ETC2-R4-SXDP-20FG-R1 Datasheet
112Kb / 1P
4th Generation Bearing ??MTBF of 160,000 hours thanks to highly durable POM components.
R4-SXDP-20FR-R1 ETC2-R4-SXDP-20FR-R1 Datasheet
112Kb / 1P
4th Generation Bearing ??MTBF of 160,000 hours thanks to highly durable POM components.
More results

Similar Description - R4-XFXS-16PK-R1

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2301 SMSC-EMC2301 Datasheet
653Kb / 42P
RPM-Based PWM Fan Controller
EMC2302 SMSC-EMC2302 Datasheet
678Kb / 44P
Dual RPM-Based PWM Fan Controller
EMC2303 SMSC-EMC2303 Datasheet
796Kb / 51P
Multiple RPM-Based PWM Fan Controller
logo
Maxim Integrated Produc...
MAX31790 MAXIM-MAX31790 Datasheet
2Mb / 43P
6-Channel PWM-Output Fan RPM Controller
Rev 0; 12/12
logo
List of Unclassifed Man...
RR-T4-18PK-R1 ETC2-RR-T4-18PK-R1 Datasheet
154Kb / 2P
120mm wide range PWM fan, RPM can be fine tuned for maximum airflow or whisper quiet operation.
logo
Maxim Integrated Produc...
MAX31790 MAXIM-MAX31790_15 Datasheet
1Mb / 43P
6-Channel PWM-Output Fan RPM Controller
Rev 2; 1/15
logo
SMSC Corporation
EMC2302 SMSC-EMC2302_11 Datasheet
688Kb / 45P
Dual RPM-Based PWM Fan Controller
EMC2301 SMSC-EMC2301_11 Datasheet
662Kb / 43P
RPM-Based PWM Fan Controller
logo
Microchip Technology
EMC2301 MICROCHIP-EMC2301 Datasheet
969Kb / 70P
Single/Multiple RPM-Based PWM Fan Controller
02/28/20
logo
Maxim Integrated Produc...
MAX31790 MAXIM-MAX31790_V01 Datasheet
1Mb / 46P
6-Channel PWM-Output Fan RPM Controller
2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com