Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL-EB12-16FK-R1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RL-EB12-16FK-R1
Description  Easy installation with Eisberg mounting kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RL-EB12-16FK-R1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RL-EB12-16FK-R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RL-EB12-16FK-R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers RL-EB12-16FK-R1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Package Information
Eisberg 240L Prestige
Radiator Dimension
280 x 124 x 30mm
Fan Dimension
120 x 120 x 25mm
Fan Speed
1600 rpm
Fan Airflow
60.2 CFM / 102.5 m³/h
Fan Noise
20.5 dB(A)
Radiator
100% Copper
Cold Plate
100% Copper
Cold Plate Technology
JetStream enhanced
Bi-Directional Micro Channel
Tubing
10 / 8 mm – 16”/5,0” ID
+ Hose Wrap
Tubing Protection
11 (converted from 3.5" cages)
Pump
German designed Axial Rotor Pump
Pump Head Pressure
2.2 Meters
Pump Volume
400 Liters an hour
Detailed Pump Specs
Radiator
- Rotation Type : Axis
- Bearing Type: Ceramic Pipe and Axis
- Noise Level : <25 dBA
- Lifetime: 50,000 h
- Pump Rotor Speed : 3600 rpm @12VDC
- Safety Protections: Polarity, Blockade,
electric Protections
Eisberg 120L Prestige
Radiator Dimension
156 x 124 x 30mm
Fan Dimension
120 x 120 x 25mm
Fan Speed
1600 rpm
Fan Airflow
60.2 CFM / 102.5 m³/h
Fan Noise
20.5 dB(A)
Radiator
100% Copper
Cold Plate
100% Copper
Cold Plate Technology
JetStream enhanced
Bi-Directional Micro Channel
Tubing
10 / 8 mm – 16”/5,0” ID
+ Hose Wrap
Tubing Protection
11 (converted from 3.5" cages)
Pump
German designed Axial Rotor Pump
Pump Head Pressure
2.2 Meters
Pump Volume
400 Liters an hour
Detailed Pump Specs
Radiator
- Rotation Type : Axis
- Bearing Type: Ceramic Pipe and Axis
- Noise Level : <25 dBA
- Lifetime: 50,000 h
- Pump Rotor Speed : 3600 rpm @12VDC
- Safety Protections: Polarity, Blockade,
electric Protections
Package Information
Eisberg Prestige/120L/240L
RL-EB24-16FK-R1
RL-EB12-16FK-R1
RL-EBSL-FLNN-R1
Product Code
RL-EB12-16FK-R1
EAN Code
4719512038703
UPC Code
884102018121
Package Dimensions
354x235x140mm
(13.94x9.25x5.52 in)
Carton Dimensions
73.0x37.0x44.0 cm
(28.74x14.57x17.32 in)
4.192 (Cu. ft)
Unit / Carton
9
Carton / Pallet
12
Weight GW/NW
19.30 KG / 18.09 KG
Product Code
RL-EB24-16FK-R1
EAN Code
4719512038710
UPC Code
884102018138
Package Dimensions
354x235x140mm
(13.94x9.25x5.52 in)
Carton Dimensions
73.0x37.0x44.0 cm
(28.74x14.57x17.32 in)
4.192 (Cu. ft)
Unit / Carton
9
Carton / Pallet
12
Weight GW/NW
21.10 KG / 19.89 KG



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com