Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL-S12P-20PB-R1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RL-S12P-20PB-R1
Description  Blue LED indicator lights up when it is operating.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RL-S12P-20PB-R1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RL-S12P-20PB-R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RL-S12P-20PB-R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Factory filled with coolant, then sealed
and pressure tested - requires zero
maintenance for years.
Highly optimized pump and water block
guarantees the best water flow and
system performance.
Specially designed 120mm radiator
provides superior heat dissipation and fits
in almost any case internally and
externally.
120mm JetFlo with a wide RPM range to
fine tune and balance fan noise and
performance.
Blue LED indicator lights up when it is
operating.
The Seidon 120V Plus is the latest AIO watercooler that
boasts an excellent value for performance. The compact
120mm radiator fits in virtually every case. Thanks to a
premium 120mm JetFlo fan with a wide RPM range,
Seidon can operate silently or unleash a powerful
cooling storm at your command. Durable FEP Tubing
provides the advantages of nearly no moisture
absorption, high thermal stability and high pressure
tolerance which all contribute to a long operating life.
CPU Socket
Intel LGA 2011 / 1366 / 1156 / 1155 /
1150 / 775
AMD Socket FM2 / FM1 / AM3+ / AM3 /
AM2+ / AM2
Main System Dimensions
62 x 62 x 36.4 mm (2.4 x 2.4 x 1.4 inch)
Radiator Dimensions
154 x 119 x 27 mm (6.0 x 4.7 x 1.1 inch)
Radiator Material
Aluminum
Fan Dimensions
120 x 120 x 25 mm (4.7 x 4.7 x 1 in)
Fan Speed
800~2000 RPM (PWM) ± 10%
Fan Air Flow
30 ~ 95 CFM ± 10%
Fan Air Pressure
0.93 ~ 2.75 mm H2O ± 10%
Fan Life Expectancy
40,000 hours
Fan Noise Level
12 ~ 35 dBA
Fan Bearing Type
Rifle bearing
Fan Connector
4-Pin
Fan Rated Voltage
12 VDC
Pump Life Expectancy
70,000 hrs
Pump Noise Level
<23 dBA
Pump Bearing
Ceramic bearing
Pump Rotor
6 blades
Pump Connector
3-Pin
Pump Rated Voltage
12 VDC
Pump Load Current
0.3 A
Pump Power
Consumption
3.6 W
EAN Code
4719512047224
UPC Code
884102026218
Package Dimensions
220 x 200 x 135 mm
(8.7 x 7.9 x 5.3 in)
Carton Dimensions
695 x 420 x 260mm
(27.4 x 16.5 x 10.2 in)
Unit / Carton
10
Carton / Pallet
32
Seidon 120V Plus
RL-S12P-20PB-R1
2 years
Features
Specifications
Package Information
Warranty


Similar Part No. - RL-S12P-20PB-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL-S12V-24PK-R1 ETC2-RL-S12V-24PK-R1 Datasheet
213Kb / 2P
Blue LED indicator lights up when operating.
RL-S12X-24PK-R1 ETC2-RL-S12X-24PK-R1 Datasheet
320Kb / 2P
Closed loop design - requires zero maintenance for years.
More results

Similar Description - RL-S12P-20PB-R1

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1091M CML-1091M Datasheet
222Kb / 1P
Non-Relampable LED Indicator Lights
1091QM CML-1091QM Datasheet
224Kb / 1P
Non-Relampable LED Indicator Lights
5900K CML-5900K Datasheet
232Kb / 1P
Non-Relampable Neon LED Indicator Lights
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
Astrolite LED Indicator Lights
logo
Visual Communications C...
1091M VCC-1091M Datasheet
73Kb / 1P
Non-Relampable LED Indicator Lights
1091QM VCC-1091QM Datasheet
67Kb / 1P
Non-Relampable LED Indicator Lights
L79 VCC-L79 Datasheet
590Kb / 2P
LED Indicator lights mounting hole
logo
List of Unclassifed Man...
L45RN-G12-2112 ETC2-L45RN-G12-2112 Datasheet
371Kb / 6P
PRESSFIT NEON, LED INCANDESCENT INDICATOR LIGHTS
RL-S12V-24PK-R1 ETC2-RL-S12V-24PK-R1 Datasheet
213Kb / 2P
Blue LED indicator lights up when operating.
logo
NTE Electronics
74-LMAF3A NTE-74-LMAF3A Datasheet
5Mb / 1P
Long Life (1000 hrs min.) LED Indicator lights when fuse is blown
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com