Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RR-V211-15FK-R1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RR-V211-15FK-R1
Description  Low profile design with only 58mm height
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RR-V211-15FK-R1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RR-V211-15FK-R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RR-V211-15FK-R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RR-V211-15FK-R1
Specifications
Packaging Contents
CPU Socket
Heatsink Dimension
Heatsink Material
Fan Dimension
Fan Airflow
Fan Speed
Fan Air Pressure
27.5 CFM ±10%
0.78 mm H2O ±10%
1500 R.P.M. ±10%
Intel® Socket LGA1156/1155/775
102.4 x 96.4 x 58 mm
2 Heatpipes / Aluminum fins
Ø 94 x 16.5 mm
Fan Life Expectancy
Bearing Type
Connector
Noise Level
Weight
20 dBA
40,000 hours
Rifle bearing
3-pin
230g
Compatibility
All Intel® Socket 1156 / 1155 / 775 CPU
- Intel® Core™ i7
(Only compatible with selected models)
- Intel® Core™ i5
- Intel® Core™ i3
- Intel® Pentium®
- Intel® Celeron®
(For the latest CPU support information,
please visit our website.)
Low profile design with only 58mm
height
Dual direct contact heatpipes for
seamless contact between CPU sur-
face and cooler
Universal mounting for Intel® socket
LGA 1156/1155/775
Compatible with Intel® latest Sandy
Bridge platform - socket 1155
Push-pin design for easy installation
Silent operation: Only 20dBA at
1500RPM
Features
Vortex 211Q


Similar Part No. - RR-V211-15FK-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RR-V6GT-22PK-R1 ETC2-RR-V6GT-22PK-R1 Datasheet
577Kb / 3P
Engine oil cap controls the LED strip with color changing function
RR-V8VC-16PR-R1 ETC2-RR-V8VC-16PR-R1 Datasheet
324Kb / 2P
Dual High airflow PWM fans with red LEDs.
More results

Similar Description - RR-V211-15FK-R1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMW21R0FT MACOM-SMW21R0FT Datasheet
126Kb / 3P
Low Profile Design
logo
Ohmite Mfg. Co.
RES-TL OHMITE-RES-TL Datasheet
341Kb / 2P
Low profile design
logo
CUI INC
SJ2-2594A-SMT-TR CUI-SJ2-2594A-SMT-TR Datasheet
487Kb / 4P
low profile design
HSS-B20-NP-01 CUI-HSS-B20-NP-01 Datasheet
278Kb / 3P
low profile design
HSS-C52-NP-SMT-TR CUI-HSS-C52-NP-SMT-TR Datasheet
848Kb / 3P
low profile design
HSS-C2591-SMT-TR CUI-HSS-C2591-SMT-TR Datasheet
846Kb / 3P
low profile design
SJ2-2510X-SMT CUI-SJ2-2510X-SMT Datasheet
678Kb / 4P
low profile design
SJ2-2542X-SMT CUI-SJ2-2542X-SMT Datasheet
649Kb / 4P
low profile design
logo
Knowles Electronics
2403-260-00071 KNOWLES-2403-260-00071 Datasheet
450Kb / 18P
Extremely slim design with only 2.5mmheight
logo
WALSIN TECHNOLOGY CORPO...
RFDIP2012050LBT WALSIN-RFDIP2012050LBT Datasheet
619Kb / 2P
RFDIP2012050LBT Low Profile Design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com