Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7397 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7397
Description  0 to 30 dB Dial Step Attenuator, SMA Female To SMA Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7397 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7397 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7397 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7397 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Design
Step Attenuator
Connector 1
SMA Female
Connector 2
SMA Female
Electrical Specifications * Values at 25°C, sea level
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
2.7
GHz
Impedance
50
Ohms
Attenuation Value
0 to 30
dB
Step Size
1
dB
Step Type
Dial
Accuracy Statement
+ / - .5 dB or 3 % whichever is greater
Input Power
2
Watts
Peak Power
1
KWatts
VSWR
1.8:1
.
Mechanical Specifications
.
Connectors
Description
Connector 1
Connector 2
Type
SMAFemale
SMAFemale
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 0 to 30 dB Dial Step Attenuator, SMA Female To SMA Female With 1 dB Step Rated To
2 Watts Up To 2.7 GHz PE7397
PE7397
PE7397 REV 1.0
0 to 30 dB Dial Step Attenuator, SMA Female To SMA
Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz


Similar Part No. - PE7397

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7390-1 PASTERNACK-PE7390-1 Datasheet
245Kb / 3P
1 dB Fixed Attenuator, N Male To N Female Rated To 5 Watts Up To 3 GHz
PE7390-1 PASTERNACK-PE7390-1 Datasheet
245Kb / 3P
3 dB Fixed Attenuator, N Male To N Female Rated To 5 Watts Up To 3 GHz
PE7390-1 PASTERNACK-PE7390-1 Datasheet
245Kb / 3P
10 dB Fixed Attenuator, N Male To N Female Rated To 5 Watts Up To 3 GHz
PE7390-1 PASTERNACK-PE7390-1 Datasheet
246Kb / 3P
15 dB Fixed Attenuator, N Male To N Female Rated To 5 Watts Up To 3 GHz
PE7390-1 PASTERNACK-PE7390-1 Datasheet
245Kb / 3P
30 dB Fixed Attenuator, N Male To N Female Rated To 5 Watts Up To 3 GHz
More results

Similar Description - PE7397

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7034-6 PASTERNACK-PE7034-6 Datasheet
258Kb / 3P
0 to 1 dB Rotary Step Attenuator, BNC Female To BNC Female With 0.1 dB Step Rated To 2 Watts Up To 2 GHz
PE7011-6A PASTERNACK-PE7011-6A Datasheet
251Kb / 3P
63 dB Programmable Attenuator, SMA Female To SMA Female With 1,2,4,8,16,32 dB Steps Rated To 0.5 Watts Up To 1 GHz
PE7034-3 PASTERNACK-PE7034-3 Datasheet
258Kb / 3P
0 to 10 dB Rotary Step Attenuator, BNC Female To BNC Female With 1 dB Step Rated To 1 Watt Up To 2 GHz
PE7228-30 PASTERNACK-PE7228-30 Datasheet
382Kb / 3P
30 dB Fixed Attenuator, SMA Female To SMA Female Directional Rated To 100 Watts Up To 6 GHz
PE7337-30 PASTERNACK-PE7337-30 Datasheet
351Kb / 3P
30 dB Fixed Attenuator, SMA Female To SMA Female Directional Rated To 50 Watts Up To 18 GHz
PE7363-30 PASTERNACK-PE7363-30 Datasheet
328Kb / 3P
30 dB Fixed Attenuator, SMA Female To SMA Female Rated To 25 Watts Up To 18 GHz
PE7398 PASTERNACK-PE7398 Datasheet
684Kb / 3P
0 to 50 dB Dial Step Attenuator, SMA Female To SMA Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
PE7401 PASTERNACK-PE7401 Datasheet
607Kb / 3P
0 to 30 dB Dial Step Attenuator, N Female To N Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
PE7402 PASTERNACK-PE7402 Datasheet
335Kb / 3P
0 to 50 dB Dial Rotary Attenuator, N Female To N Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
PE7422 PASTERNACK-PE7422 Datasheet
193Kb / 2P
0 to 90 dB Dial Continuously Variable Attenuator, SMA Female To SMA Female Rated To 5 Watts Up To 4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com