Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7401 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7401
Description  0 to 30 dB Dial Step Attenuator, N Female To N Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7401 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7401 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7401 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7401 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Design
Step Attenuator
Connector 1
N Female
Connector 2
N Female
Electrical Specifications * Values at 25°C, sea level
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
2.7
GHz
Impedance
50
Ohms
Attenuation Value
0 to 30
dB
Step Size
1
dB
Step Type
Dial
Accuracy Statement
+ / - .5 dB or 3 % whichever is greater
Input Power
2
Watts
Peak Power
1
KWatts
VSWR
1.8:1
.
Mechanical Specifications
.
Connectors
Description
Connector 1
Connector 2
Type
N Female
N Female
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 30 dB Dial Step Attenuator, N Female To N Female With 1 dB Step Rated To 2 Watts Up
To 2.7 GHz PE7401
PE7401
PE7401 REV 1.0
0 to 30 dB Dial Step Attenuator, N Female To N Female
With 1 dB Step Rated To 2 Watts Up To 2.7 GHz


Similar Part No. - PE7401

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7402 PASTERNACK-PE7402 Datasheet
335Kb / 3P
0 to 50 dB Dial Rotary Attenuator, N Female To N Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
PE7403-10 PASTERNACK-PE7403-10 Datasheet
198Kb / 2P
10 dB Fixed Attenuator, 1.85mm Male To 1.85mm Female Passivated Stainless Steel Body
PE7403-20 PASTERNACK-PE7403-20 Datasheet
198Kb / 2P
20 dB Fixed Attenuator, 1.85mm Male To 1.85mm Female Passivated Stainless Steel Body
PE7403-3 PASTERNACK-PE7403-3 Datasheet
198Kb / 2P
3 dB Fixed Attenuator, 1.85mm Male To 1.85mm Female Passivated Stainless Steel Body
PE7403-30 PASTERNACK-PE7403-30 Datasheet
198Kb / 2P
30 dB Fixed Attenuator, 1.85mm Male To 1.85mm Female Passivated Stainless Steel Body
More results

Similar Description - PE7401

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7034-1 PASTERNACK-PE7034-1 Datasheet
258Kb / 3P
0 to 1 dB Rotary Step Attenuator, BNC Female To BNC Female With 0.1 dB Step Rated To 1 Watt Up To 1 GHz
PE7034-4 PASTERNACK-PE7034-4 Datasheet
258Kb / 3P
0 to 70 dB Rotary Step Attenuator, BNC Female To BNC Female With 10 dB Step Rated To 1 Watt Up To 2 GHz
PE7034-6 PASTERNACK-PE7034-6 Datasheet
258Kb / 3P
0 to 1 dB Rotary Step Attenuator, BNC Female To BNC Female With 0.1 dB Step Rated To 2 Watts Up To 2 GHz
PE7036-2 PASTERNACK-PE7036-2 Datasheet
262Kb / 3P
0 to 82.5 dB Toggle Step Attenuator, BNC Female To BNC Female With 0.5 dB Step Rated To 1 Watt Up To 1 GHz
PE7036-3 PASTERNACK-PE7036-3 Datasheet
261Kb / 3P
0 to 102 dB Toggle Step Attenuator, BNC Female To BNC Female With 1 dB Step Rated To 1 Watt Up To 1 GHz
PE7034-3 PASTERNACK-PE7034-3 Datasheet
258Kb / 3P
0 to 10 dB Rotary Step Attenuator, BNC Female To BNC Female With 1 dB Step Rated To 1 Watt Up To 2 GHz
PE7034-5 PASTERNACK-PE7034-5 Datasheet
258Kb / 3P
0 to 100 dB Rotary Step Attenuator, BNC Female To BNC Female With 10 dB Step Rated To 1 Watt Up To 2 GHz
PE7397 PASTERNACK-PE7397 Datasheet
629Kb / 3P
0 to 30 dB Dial Step Attenuator, SMA Female To SMA Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
PE7398 PASTERNACK-PE7398 Datasheet
684Kb / 3P
0 to 50 dB Dial Step Attenuator, SMA Female To SMA Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
PE7402 PASTERNACK-PE7402 Datasheet
335Kb / 3P
0 to 50 dB Dial Rotary Attenuator, N Female To N Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com