Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM26
Description  Accurate, Factory-Preset Thermostat
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM26 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM26 Datasheet HTML 9Page - Texas Instruments LM26 Datasheet HTML 10Page - Texas Instruments LM26 Datasheet HTML 11Page - Texas Instruments LM26 Datasheet HTML 12Page - Texas Instruments LM26 Datasheet HTML 13Page - Texas Instruments LM26 Datasheet HTML 14Page - Texas Instruments LM26 Datasheet HTML 15Page - Texas Instruments LM26 Datasheet HTML 16Page - Texas Instruments LM26 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
J
A
JA
TEMP
L _ TEMP
DO DO
T
T
(V
V
)I
V I
)
+
=
+ Q
-
+
LM26
www.ti.com
SNIS115S – MAY 2001 – REVISED SEPTEMBER 2015
11.3 Thermal Considerations
The junction to ambient thermal resistance (RθJA) is the parameter used to calculate the rise of a part's junction
temperature due to its power dissipation. For the LM26 the equation used to calculate the rise in the die junction
temperature is as follows:
where
•
TA is the ambient temperature, V
+ is the power supply voltage
•
IQ is the quiescent current, IL_TEMP is the load current on the VTEMP output
•
VDO is the voltage on the digital output
•
and IDO is the load current on the digital output
(5)
Since the LM26's junction temperature is the actual temperature being measured, care should be taken to
minimize the load current that the LM26 is required to drive.
Table 3 summarizes the thermal resistance for different conditions and the rise in die temperature of the LM26
without any loading on VTEMP and a 10-kΩ pullup resistor on an open-drain digital output with a 5.5-V power
supply.
Table 3. Thermal resistance (RθJA) and Temperature Rise Due to Self Heating (TJ−TA)
SOT-23 5 pin
no heat sink
RθJA
TJ−TA
(°C/W)
(°C)
Still Air
250
0.11
Moving Air
TBD
TBD
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com