Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR130T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR130T3
Description  SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 30 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR130T3 Datasheet(HTML) 2 Page - ON Semiconductor

  MBR130T3 Datasheet HTML 1Page - ON Semiconductor MBR130T3 Datasheet HTML 2Page - ON Semiconductor MBR130T3 Datasheet HTML 3Page - ON Semiconductor MBR130T3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR130T1, MBR130T3
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Ambient (Note 1.)
RθJA
230
°C/W
Thermal Resistance, Junction to Lead (Note 1.)
RθJL
108
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Maximum Instantaneous Forward Voltage (Note 2.)
(IF = 0.1 A, TJ = 25°C)
(IF = 0.7 A, TJ = 25°C)
(IF = 1.0 A, TJ = 25°C)
VF
–
–
0.47
0.35
0.45
–
V
Maximum Instantaneous Reverse Current (Note 2.)
(Rated dc Voltage, TC = 25°C)
(VR = 5 V, TC = 25°C)
IR
60
10
mA
1. FR–4 or FR–5 = 3.5
× 1.5 inches using a 1 inch Cu pad.
2. Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2%.
10
1
0.1
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Figure 1. Maximum Forward Voltage
0.2 0.25
0.3
0.35
0.4
0.45
0.5
0.6
Figure 2. Typical Forward Voltage
TJ = 125°C
75
°C
25
°C
0.55
0.65
10
1
0.1
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
0.2 0.25
0.3
0.35
0.4
0.45
0.5
0.6
TJ = 125°C
75
°C 25°C
0.55
0.65



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com