Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM45 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM45
Description  SOT-23 Precision Centigrade Temperature Sensors8
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM45 Datasheet(HTML) 2 Page - Texas Instruments

  LM45 Datasheet HTML 1Page - Texas Instruments LM45 Datasheet HTML 2Page - Texas Instruments LM45 Datasheet HTML 3Page - Texas Instruments LM45 Datasheet HTML 4Page - Texas Instruments LM45 Datasheet HTML 5Page - Texas Instruments LM45 Datasheet HTML 6Page - Texas Instruments LM45 Datasheet HTML 7Page - Texas Instruments LM45 Datasheet HTML 8Page - Texas Instruments LM45 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LM45
SNIS117C – AUGUST 1999 – REVISED FEBRUARY 2013
www.ti.com
Typical Applications
Figure 2. Basic Centigrade Temperature Sensor (+2.5°C to +100°C)
Choose R1 = −VS/50 μA
VOUT = (10 mV/°C × Temp °C)
VOUT = +1,000 mV at +100°C
= +250 mV at +25°C
=
−200 mV at −20°C
Figure 3. Full-Range Centigrade Temperature Sensor (
−20°C to +100°C)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage
+12V to
−0.2V
Output Voltage
+V S + 0.6V to −1.0V
Output Current
10 mA
Storage Temperature
−65°C to +150°C
ESD Susceptibility(2)
Human Body Model
2000V
Machine Model
250V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
Operating Ratings
(1) (2) (3)
Specified Temperature Range(4)
TMIN to TMAX
LM45B, LM45C
−20°C to +100°C
Operating Temperature Range
LM45B, LM45C
−40°C to +125°C
Supply Voltage Range (+VS)
+4.0V to +10V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
Soldering process must comply with Reflow Temperature Profile specifications. Refer to http://www.ti.com/packaging.
(3)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
(4)
Thermal resistance of the SOT-23 package is 260°C/W, junction to ambient when attached to a printed circuit board with 2 oz. foil as
shown in Figure 15.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com