Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM73 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM73
Description  2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM73 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM73 Datasheet HTML 9Page - Texas Instruments LM73 Datasheet HTML 10Page - Texas Instruments LM73 Datasheet HTML 11Page - Texas Instruments LM73 Datasheet HTML 12Page - Texas Instruments LM73 Datasheet HTML 13Page - Texas Instruments LM73 Datasheet HTML 14Page - Texas Instruments LM73 Datasheet HTML 15Page - Texas Instruments LM73 Datasheet HTML 16Page - Texas Instruments LM73 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TIME
(Active Low)
Measured Temperature
THIGH Limit
TLOW Limit
ALERT 5HVHW %LW VHW WR ³1´
One
Conversion Time
ALERT
TIME
Measured Temperature
THIGH Limit
TLOW Limit
ALERT pin
LM73
www.ti.com
SNIS141F – OCTOBER 2005 – REVISED OCTOBER 2015
Figure 6. ALERT Temperature Response Cleared When Temperature Crosses TLOW
Figure 7. ALERT Temperature Response Cleared by Writing a 1 to the ALERT Reset Bit.
7.3.6 Communicating With the LM73
The data registers in the LM73 are selected by the Pointer Register. At power-up the Pointer Register is set to
00h, the location for the Temperature Register. The Pointer Register latches the last location it was set to. Note
that all Pointer Register bits are decoded; any incorrect pointer values will not be acknowledged and will not be
stored in the Pointer Register.
NOTE
A write to an invalid pointer address is not allowed. If the master writes an invalid address
to the Pointer Register, the LM73 will not acknowledge the address and the Pointer
Register will continue to contain the last value stored in it.
A Write to the LM73 will always include the address byte and the pointer byte.
A Read from the LM73 can occur in either of the following ways:
•
If the location latched in the Pointer Register is correct (that is, the Pointer Register is pre-set prior to the
read), then the read can simply consist of an address byte, followed by retrieving the data byte. Most of the
time it is expected that the Pointer Register will point to Temperature Registers because that will be the data
most frequently read from the LM73.
•
If the Pointer Register needs to be set, then an address byte, pointer byte, repeat start, and another address
byte will accomplish a read.
The data byte is read out of the LM73 by the most significant bit first. At the end of a read, the LM73 can accept
either an Acknowledge or No Acknowledge bit from the Master. No Acknowledge is typically used as a signal to
the slave that the Master has read its last byte.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com