Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016D-70F4EB Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29F016D-70F4EB
Description  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016D-70F4EB Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29F016D-70F4EB Datasheet HTML 5Page - Advanced Micro Devices AM29F016D-70F4EB Datasheet HTML 6Page - Advanced Micro Devices AM29F016D-70F4EB Datasheet HTML 7Page - Advanced Micro Devices AM29F016D-70F4EB Datasheet HTML 8Page - Advanced Micro Devices AM29F016D-70F4EB Datasheet HTML 9Page - Advanced Micro Devices AM29F016D-70F4EB Datasheet HTML 10Page - Advanced Micro Devices AM29F016D-70F4EB Datasheet HTML 11Page - Advanced Micro Devices AM29F016D-70F4EB Datasheet HTML 12Page - Advanced Micro Devices AM29F016D-70F4EB Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
8
Am29F016D
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29F016D
-70
E
I
TEMPERATURE RANGE
C=
Commercial (0
°C to +70°C)
I
=
Industrial (–40
°C to +85°C)
E
=
Extended (–55
°C to +125°C)
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048)
F
=
48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048)
E4
=
40-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 040)
F4
=
40-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR040)
S
=
44-Pin Small Outline Package (SO 044)
This device is also available in Known Good Die (KGD) form. See publication number
21551 for more information.
SPEED OPTION
See Product Selector Guide and Valid Combinations
DEVICE NUMBER/DESCRIPTION
Am29F016D
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only Sector Erase Flash Memory
5.0 V Read, Program, and Erase
Valid Combinations
AM29F016D-70
EC, EI, FC, FI,
E4C, E4I, F4C, F4I, SC, SI
AM29F016D-90
EC, EI, EE, FC, FI, FE,
E4C, E4I, E4E, F4C, F4I,
F4E, SC, SI, SE
AM29F016D-120
AM29F016D-150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com