Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM2502CM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM2502CM
Description  Successive Approximation Registers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM2502CM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DM2502CM Datasheet HTML 1Page - National Semiconductor (TI) DM2502CM Datasheet HTML 2Page - National Semiconductor (TI) DM2502CM Datasheet HTML 3Page - National Semiconductor (TI) DM2502CM Datasheet HTML 4Page - National Semiconductor (TI) DM2502CM Datasheet HTML 5Page - National Semiconductor (TI) DM2502CM Datasheet HTML 6Page - National Semiconductor (TI) DM2502CM Datasheet HTML 7Page - National Semiconductor (TI) DM2502CM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
7V
Input Voltage
55V
Output Voltage
55V
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 seconds)
300 C
Operating Conditions
Min
Max
Units
Supply Voltage VCC
DM2502C DM2503C
475
525
V
DM2504C
DM2502 DM2503
45
55
V
DM2504
Temperature TA
DM2502C DM2503C
0
a
70
C
DM2504C
DM2502 DM2503
b
55
a
125
C
DM2504
Electrical Characteristics (Notes 2 and 3) VCCe50V TAe25 C CLe15 pF unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Logical ‘‘1’’ Input Voltage (VIH)VCCeMin
20
V
Logical ‘‘1’’ Input Current (IIH)VCCeMax
CP Input
VIHe24V
6
40
m
A
D E S Inputs
VIHe24V
6
80
m
A
All Inputs
VIHe55V
10
mA
Logical ‘‘0’’ Input Voltage (VIL)VCCeMin
08
V
Logical ‘‘0’’ Input Current (IIL)VCCeMax
CP S Inputs
VILe04V
b
10
b
16
mA
D E Inputs
VILe04V
b
10
b
32
mA
Logical ‘‘1’’ Output Voltage (VOH)VCCeMin IOHe048 mA
24
36
V
Output Short Circuit Current
VCCeMax VOUTe00V
b
10
b
20
b
45
mA
(Note 4) (IOS)
Output High CP D S High E Low
Logical ‘‘0’’ Output Voltage (VOL)VCCeMin IOLe96 mA
02
04
V
Supply Current (ICC)VCCeMax All Outputs Low
DM2502C
65
95
mA
DM2502
65
85
mA
DM2503C
60
90
mA
DM2503
60
80
mA
DM2504C
90
124
mA
DM2504
90
110
mA
Propagation Delay to a Logical ‘‘0’’
10
18
28
ns
From CP to Any Output (tpd0)
Propagation Delay to a Logical ‘‘0’’
CP High S Low
16
24
ns
From E to Q7 (Q11) Output (tpd0)
DM2503 DM2503C DM2504
DM2504C Only
Propagation Delay to a Logical ‘‘1’’
10
26
38
ns
From CP to Any Output (tpd1)
Propagation Delay to a Logical ‘‘1’’
CP High S Low
13
19
ns
From E to Q7 (Q11) Output (tpd1)
DM2503 DM2503C DM2504
DM2504C Only
Set-Up Time Data Input (ts(D))
b
10
4
8
ns
Set-Up Time Start Input (ts(S)0
9
16
ns
Minimum Low CP Width (tPWL)30
42
ns
Minimum High CP Width (tPWH)17
24
ns
Maximum Clock Frequency (fMAX)
15
21
MHz
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the b55 Cto a125 C temperature range for the DM2502 DM2503 and DM2504 and across the
0 Cto a70 C range for the DM2502C DM2503C and DM2504C All typicals are given for VCCe50V and TAe25 C
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
Note 4
Only one output at a time should be shorted
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com