Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02FSB Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # 02FSB
Description  2 AMP FAST RECOVERY BRIDGE RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

02FSB Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  02FSB Datasheet HTML 1Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
Data Sheet No. BFSB-200-1B
MECHANICAL SPECIFICATION
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
PRV Ratings from 50 to 1000 Volts
Surge overload rating to 50 Amps peak
Reliable low cost molded plastic construction
Ideal for printed circuit board applications
Fast switching for high efficiency
G5
SERIES FSB200 - FSB210
UL RECOGNIZED - FILE #E124962
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
Average Forward Rectified Current @ T = 55 C
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
I
V
V
V
SYMBOL
FSB
FSB
RATINGS
UNITS
VOLTS
FSB
FSB
FSB
FSB
FSB
50
100
200
400
1000
35
70
140
280
700
2
Peak Forward Surge Current (8.3mS single half sine wave
superimposed on rated load)
Maximum Forward Voltage at 1 Amp DC
VOLTS
AMPS
V
I
50
1
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
I
R
°C/W
mA
@ T = 25 C
@ T = 25 C
@ T = 125 C
10
500
30
Maximum Thermal Resistance, Junction to Ambient (Note 2)
Junction Operating and Storage Temperature Range
T T
T
°C
-55 to +150
600
800
50
100
200
400
1000
600
800
420
560
200
201
202
204
206
208
210
Maximum Reverse Recovery Time (Note 1)
200
300
500
nS
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
ACTUAL SIZE OF
SB2 PACKAGE
A
A1
D
D1
L
C
B1
B
+
_
+
_
AC
FSB208
DIOTEC 009
Case:
Terminals: Round silver plated pins
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on case
Mounting Position: Any
Weight: 0.1 Ounces (2.8 Grams)
Molded Epoxy (UL Flammability Rating 94V-0)
RoHS COMPLIANT
MECHANICAL DATA


Similar Part No. - 02FSB

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
02FAH-FAGD JST-02FAH-FAGD Datasheet
97Kb / 2P
16mm pitch/Disconnectable Crimp style Wite-to-wire connectors
02FAH-MAGD JST-02FAH-MAGD Datasheet
97Kb / 2P
16mm pitch/Disconnectable Crimp style Wite-to-wire connectors
More results

Similar Description - 02FSB

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FDB300 DEC-FDB300 Datasheet
256Kb / 1P
3 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDI100 DEC-FDI100 Datasheet
259Kb / 1P
1 AMP FAST RECOVERY BRIDGE RECTIFIERS
FSB200 DEC-FSB200 Datasheet
233Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDB2500P DEC-FDB2500P Datasheet
459Kb / 2P
25 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDB3500P DEC-FDB3500P Datasheet
451Kb / 2P
35 AMP FAST RECOVERY BRIDGE RECTIFIERS
BFSB-200-1B DEC-BFSB-200-1B Datasheet
235Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
1-5FWB DEC-1-5FWB Datasheet
76Kb / 2P
1.5 AMP FAST RECOVERY BRIDGE RECTIFIERS
25FDBP DEC-25FDBP Datasheet
462Kb / 2P
25 AMP FAST RECOVERY BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
VS048X NJSEMI-VS048X Datasheet
181Kb / 2P
2 Amp Fast Recovery Time Epoxy Bridge Rectifiers
logo
Diotec Semiconductor
BR805D DIOTEC-BR805D Datasheet
46Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com