Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL851 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TL851
Description  Digital Intergrated Circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TL851 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TL851 Datasheet HTML 1Page - List of Unclassifed Manufacturers TL851 Datasheet HTML 2Page - List of Unclassifed Manufacturers TL851 Datasheet HTML 3Page - List of Unclassifed Manufacturers TL851 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TL851 Digital IC -- page 2
Absolute Maximum Ratings over Operating Free-Air Temperature Range
Voltage at any pin with respect to ground.......................................................................... -0.5 to +7.0 VDC
Voltage at any pin with respect to VCC .............................................................................. -7.0 to +0.5 VDC
Continuous power dissipation at (or below) 25° C free-air temperature (see note)....................... 1150 mW
Operating free-air temperature range ...................................................................................... 0° C to 70° C
Storage temperature range................................................................................................. -65° C to 150° C
Lead temperature 1.6 mrn (1/16 inch) from case for 10 seconds...................................................... 260° C
Note: For operation above 25° C, derate linearly at the rate of 9.2 mW/C
Recommended Operating Conditions
MIN
MAX
UNIT
Supply Voltage, Vcc
4.5
6.8
V
High-level Input Voltage, VIH
BLNK, BINH, INIT
2.1
V
Low-level Input Voltage, VIL
BLNK, BINH, INIT
0.6
V
ECHO and OSC Output Voltage
6.8
V
Delay Time, Power Up to INIT High
5
ms
Operating Free-air Temperature
0
40
°C
Electrical Characteristics over Recommended Ranges of Supply Voltage and Operating
Free-Air Temperature (typical values at VCC = 5VDC and TA = 25° C)
PARAMETER
TEST COND.
MIN
TYP
MAX
UNIT
Input Current
BLNK, BINH, INIT
VI = 2.1 V
1
mA
High-level Output Current, IOH
ECHO, OSC, GC*
VOH = 5.5V
100
µA
Low-level Output Voltage, VOL, ECHO, OSC, GC*
IO L= 1.6 mA
0.4
V
On-state Output Current
XMIT output
VO = 1V
-140
mA
Internal Blanking Interval
2.38†
ms
Frequency During 16-pulse
OSC output
49.4†
kHz
Transmit Period
XMIT output
49.4†
kHz
Frequency After 16-pulse
OSC output
93.3†
kHz
Transmit Period
XMIT output
0
kHz
Supply Current, Icc
During transmit period
260
mA
After transmit period
55
mA
† These typical values apply for a 420 kHz ceramic resonator
Pinout Description
Pin
Name
Description
Pin
Name
Description
1
VCC
Positive Supply
16
BLNK
Blanking
2
XMIT
Transmit
15
BINH
Blanking Inhibit
3
GND
Circuit Ground
14
INIT
Ranging Initiate
4
GCD
MSB Digital Gain Control
13
FIL
VCC Filter
5
GCA
LSB Digital Gain Control
12
XTAL1
Crystal Input
6
GCB
Digital Gain Control
11
XTAL2
Crystal Input
7
GCC
Digital Gain Control
10
OSC
Oscillator Clock Output
8
REC
Receive Input (analog level)
9
ECHO
Echo Detected (digital level)
For more information, visit our website: www.senscomp.com
4/28/04



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com