Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

06DB Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # 06DB
Description  6 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

06DB Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  06DB Datasheet HTML 1Page - DIOTEC Electronics Corporation 06DB Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Average Forward Rectified Current, T = 60 C (Note 2)
Peak Forward Surge Current.
Tc = 60 C
Single 60Hz Half-Sine Wave
Superimposed on Rated Load (JEDEC Method).
I
Continuous Power Dissipation in V
Region
@ T
=80 C (Heat Sink Temp)
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Working Peak Reverse Voltage
Series Number
V
V
V
V
SYMBOL
AMPS
UNITS
VOLTS
P
P
RMS Reverse Voltage
Power Dissipation in V
Region for 100 S Square Wave
m
WATTS
Thermal Energy (Rating for Fusing) t < 8.3mSec
I t
AMPS
SEC
I
RATINGS
FEATURES
Data Sheet No. BRDB-600-1D
ABDB-600-1D
MECHANICAL SPECIFICATION
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
ACTUAL SIZE
BL
14.7
15.7
0.58
0.62
BH
5.8
6.9
0.23
0.27
D1
10.3
11.3
0.405
0.445
LL
19.0
n/a
n/a
0.75
LD
1.0
1.1
0.039
0.042
SYM
MILLIMETERS
INCHES
MIN
MIN
MAX
MAX
6 AMP SILICON BRIDGE RECTIFIERS
Case:
Terminals: Round silver plated copper pins
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on side of case; positive lead at beveled corner
Mounting Position: Any. Through hole provided for #6 screw
Weight: 0.13 Ounces (3.6 Grams)
Molded Epoxy (UL Flammability Rating 94V-0)
MECHANICAL DATA
BH
LL
LD
D1
D1
BL
BL
+
_
+
_
DT
DB602
SERIES DB600 - DB610 and ADB604 - ADB608
UL RECOGNIZED - FILE #E124962
Junction Operating and Storage Temperature Range
T , T
°C
VOLTS
pF
Minimum Avalanche Voltage
Maximum Avalanche Voltage
V
V
V
See Note 5
See Note 5
C
Maximum Forward Voltage (Per Diode) at 6 Amps DC
Typical Junction Capacitance (Note 4)
Typical Thermal Resistance, Junction to Case (Note 2)
R
VOLTS
Maximum Reverse Current at Rated V
@ T = 25 C
@T = 125 C
I
Minimum Insulation Breakdown Voltage (Circuit to Case)
V
mA
C/W
E25
BUILT-IN STRESS RELIEF MECHANISM FOR
SUPERIOR RELIABILITY AND PERFORMANCE
SURGE OVERLOAD RATING TO 250 AMPS PEAK
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
RoHS COMPLIANT


Similar Part No. - 06DB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
06DBDW3S DELTA-06DBDW3S Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
06DBDW3S DELTA-06DBDW3S Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
06DBDW3S DELTA-06DBDW3S Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
06DBDW3S DELTA-06DBDW3S Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
More results

Similar Description - 06DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VH148 ETC1-VH148 Datasheet
261Kb / 2P
6 Amp Epoxy Bridge Rectifiers
logo
DIOTEC Electronics Corp...
DT6C00 DEC-DT6C00 Datasheet
326Kb / 1P
6 AMP SILICON BRIDGE RECTIFIERS
SBU6A DEC-SBU6A Datasheet
374Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
DB604 DEC-DB604 Datasheet
383Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
AHBU604 DEC-AHBU604 Datasheet
480Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
BRDB-600-1D DEC-BRDB-600-1D Datasheet
385Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
06HBU DEC-06HBU Datasheet
482Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
06SBU DEC-06SBU Datasheet
376Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
VH247 NJSEMI-VH247 Datasheet
93Kb / 1P
6 Amp Epoxy Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com