Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM89 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM89
Description  Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM89 Datasheet(HTML) 3 Page - Texas Instruments

  LM89 Datasheet HTML 1Page - Texas Instruments LM89 Datasheet HTML 2Page - Texas Instruments LM89 Datasheet HTML 3Page - Texas Instruments LM89 Datasheet HTML 4Page - Texas Instruments LM89 Datasheet HTML 5Page - Texas Instruments LM89 Datasheet HTML 6Page - Texas Instruments LM89 Datasheet HTML 7Page - Texas Instruments LM89 Datasheet HTML 8Page - Texas Instruments LM89 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
LM89
www.ti.com
SNIS128D – AUGUST 2002 – REVISED JUNE 2014
6 Device Comparison Table
Order Number
Local T_CRIT Threshold
Slave Address [A6:A0]
LM89CIM
85°C
100 1100
LM89CIMM
85°C
100 1100
LM89-1CIMM
85°C
100 1101
LM89-1DIMM
105°C
100 1101
7 Pin Configuration And Functions
8-Pin VSSOP or SOIC
DGK or D Packages
(TOP VIEW)
Pin Functions
PIN
DESCRIPTION
NAME
DGK or D
FUNCTION
TYPICAL CONNECTION
NUMBER
VDD
1
Positive Supply Voltage Input
DC Voltage from 3.0 V to 3.6 V. VDD should be bypassed with a 0.1µF
capacitor in parallel with 100pF. The 100pF capacitor should be
placed as close as possible to the power supply pin. A bulk
capacitance of approximately 10µF needs to be in the near vicinity to
the LM89 VDD.
D+
2
Diode Current Source
To Diode Anode. Connected to remote discrete diode-connected
transistor junction or to the diode-connected transistor junction on a
remote IC whose die temperature is being sensed. A 2.2 nF diode
bypass capacitor is required to filter high frequency noise. Place the
2.2 nF capacitor between and as close as possible to the LM89's D+
and D
− pins. Make sure the traces to the 2.2 nF capacitor are
matched.
D
−
3
Diode Return Current Sink
To Diode Cathode.
T_CRIT_A
4
T_CRIT Alarm Output, Open-Drain,
Pull-Up Resistor, Controller Interrupt or Power Supply Shutdown
Active-Low
Control
GND
5
Power Supply Ground
Ground
ALERT
6
Interrupt Output, Open-Drain,
Pull-Up Resistor, Controller Interrupt or Alert Line
Active-Low
SMBData
7
SMBus Bi-Directional Data Line,
From and to Controller, Pull-Up Resistor
Open-Drain Output
SMBCLK
8
SMBus Input
From Controller, Pull-Up Resistor
Table 1. ESD Protection(1)
Pin Name
PIN
D1
D2
D3
D4
D5
D6
D7
R1
SNP
ESD
NO.
CLAMP
VDD
1
x
D+
2
x
x
x
x
x
x
D
−
3
x
x
x
x
x
x
T_CRIT_A
4
x
x
x
(1)
An “x” indicates that the component exists.
Copyright © 2002–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com