Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15DBP Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # 15DBP
Description  15 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

15DBP Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  15DBP Datasheet HTML 1Page - DIOTEC Electronics Corporation 15DBP Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING&CHARACTERISTICCURVESFORSERIESDB1500P -DB1510P andSERIES ADB1504P - ADB1508P
DataSheetNo.BRDB-1500P-2B
ABDB-1500P-2B
15 AMP SILICONBRIDGERECTIFIERS
3.01 15dbp
E38
FIGURE1.FORWARDCURRENTDERATINGCURVE
CaseTemperature, C
o
Tel.:(310)767-1052Fax:(310)767-7958
DIOTECELECTRONICSCORP.
Gardena,CA 90248U.S.A
18020HobartBlvd.,UnitB
FIGURE3.TYPICAL FORWARDCHARACTERISTICPERDIODE
InstantaneousForwardVoltage(Volts)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10
100
1000
T =25 C
PulseWidth=300 Sec
1%DutyCycle
J
o
m
NumberofCyclesat60Hz
FIGURE2.MAXIMUMNON-REPETITIVESURGECURRENT
1
10
100
400
200
300
100
60
T =125
J
o C
9
3
0
6
12
15
18
0
50
100
150
ResistiveorInductiveLoads
BridgeMountedon5x4x3"Thick
(12.7x10.2x7.6cm)Finned Al.Plate
60Hz
75
FIGURE4.TYPICAL REVERSECHARACTERISTICS
PercentofRatedPeakReverseVoltage
.01
0.1
1.0
10
100
120
140
20
40
0
60
80
T =125 C
J
O
T =25 C
J
O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com