Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25DBP Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # 25DBP
Description  25 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

25DBP Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  25DBP Datasheet HTML 1Page - DIOTEC Electronics Corporation 25DBP Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL SPECIFICATION
Tel.:(310)767-1052Fax:(310)767-7958
DIOTECELECTRONICSCORP.
Gardena,CA 90248U.S.A
18020HobartBlvd.,UnitB
E41
25 AMP SILICONBRIDGERECTIFIERS
MECHANICAL DATA
MAXIMUMRATINGS&ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive loads, derate current by 20%.
PARAMETER(TESTCONDITIONS)
MaximumDCBlockingVoltage
MaximumPeakRecurrentReverseVoltage
WorkingPeakReverseVoltage
SeriesNumber
VRWM
VRRM
VR (RMS)
VRM
SYMBOL
ADB ADB ADB
DB
DB
DB
DB
DB
DB
DB
UNITS
VOLTS
2504P 2506P 2508P 2500P 2501P 2502P 2504P 2506P 2508P 2510P
1000
400
600
800
50
100
200
400
600
800
RMSReverseVoltage
280
420
560
35
70
140
280
420
700
560
CONTROLLED
AVALANCHE
NON-CONTROLLED
AVALANCHE
RATINGS
SERIES:DB2500P -DB2510P and ADB2504P - ADB2508P
Suffix"T"indicatesFAST-ONTERMINALS
Suffix"W"indicatesWIRELEADS
INCHES
MILLIMETERS
MIN
9.6
17.5
15.7
28.4
SYM
BL
BH
D1
D2
MAX
MAX
10.2
16.7
18.5
28.7
0.69
MIN
1.12
0.38
0.62
1.13
0.40
0.66
0.73
D3
0.53
13.5
14.5
0.57
LT
0.6
15.2
n/a
n/a
INCHES
MILLIMETERS
MIN
9.6
10.9
17.5
28.4
SYM
BL
BH
D1
LL
D2
MAX
MAX
10.2
18.5
11.9
28.7
0.43
MIN
1.12
0.38
0.69
1.13
0.40
0.73
0.47
LD
1.0
1.1
0.039
0.042
0.81
20.6
n/a
n/a
D3
D1
D1
BL
HOLEFOR
#10SCREW
(Nom.HoleDia.=0.208")
HOLEFOR
#10SCREW
(Nom.HoleDia.=0.208")
D2
BL
D1
D2
BL
D1
BL
)+
)+
UL RECOGNIZED-FILE#E124962
+
_
AC
AC
+
_
AC
AC
BUILT-INSTRESSRELIEFMECHANISMFOR
SUPERIORRELIABILITY ANDPERFORMANCE
INTEGRALLY MOLDEDHEATSINKPROVIDESVERY
LOWTHERMAL RESISTANCEFORMAXIMUMHEAT
DISSIPATION
VOIDFREEVACUUMDIESOLDERINGFORMAXIMUM
MECHANICAL STRENGTH ANDHEATDISSIPATION
(SolderVoids:Typical<2%,Max.<10%ofDie Area)
TJ
TSTG
IO
°C
-55to+150
-55to+150
AverageForwardRectifiedCurrent@T =75 C
C
o
PeakForwardSurgeCurrent.
T =125 C
J
O
Single60HzHalf-SineWave
SuperimposedonRatedLoad(JEDECMethod).
JunctionTemperatureRange
StorageTemperatureRange
AMPS
25
IFSM
500
RGJC
VFM
MaximumForwardVoltage(PerDiode)at12.5 AmpsDC
VOLTS
VOLTS
n/a
n/a
Mimimum AvalancheVoltage
Maximum AvalancheVoltage
V(BR) Min
V(BR) Max
MaximumReverseCurrentatRatedVRM
@T =25 C
A
o
@T =125 C
A
o
IRM
MinimumInsulationBreakdownVoltage(CircuittoCase)
VISO
TypicalThermalResistance,JunctiontoCase
SeeNote1
SeeNote1
1.05
1
50
mA
2500
oC/W
1.2
NOTES: (1) These bridges exhibit the avalanche characteristic at breakdown. If your application requires a specific breakdown voltage range,
please contact us.
(2) Ensure that the mechanical configuration of the Fast-On Terminals is suitable for your application
Max.mountingtorque=20in-lb.
Case:
Terminals:Roundsilverplatedcopperpinsorfast-onterminals
Soldering:PerMIL-STD202Method208guaranteed
Polarity:Markedonsideofcase
MountingPosition: Any.Throughholefor#10screw.
Weight:Fast-onTerminals-0.7Ounces(20.0Grams)
Case:Moldedepoxywithintegralheatsink
EpoxycarriesaU/L Flammabilityratingof94V-0
WireLeads-0.55Ounces(16.0Grams)
RoHSCOMPLIANT
Heat Sink
Heat Sink
LD
LL
BH
Molded
Body
BH
LT
Molded
Body
Looking for: GBPC25005, GBPC2501, GBPC2502,
GBPC2504, GBPC2506, GBPC2508, GBPC2510?
or
MDA2500, MDA2501, MDA2502, MDA2504, MDA2506,
MDA2508, MDA2510 (See Note 2)
Data Sheet No. BRDB-2500-1D
ABDB-2500-1D


Similar Part No. - 25DBP

ManufacturerPart #DatasheetDescription
logo
StarHope
25D SPSEMI-25D Datasheet
386Kb / 2P
Varistor Type MYG
logo
DB Lectro Inc
25D DBLECTRO-25D Datasheet
670Kb / 2P
PRODUCT DESCRIPTIONS
logo
Shanghai Shunye Electro...
25D SHUNYE-25D Datasheet
189Kb / 2P
SOZA CELL
logo
SUNMATE electronic Co.,...
25D SUNMATE-25D Datasheet
693Kb / 4P
METAL OXIDE VARISTORS
logo
Yuan Dean Scientific., ...
25D YUANDEAN-25D Datasheet
265Kb / 2P
DC-DC Converter
More results

Similar Description - 25DBP

ManufacturerPart #DatasheetDescription
logo
Bytes
MB2505W BYTES-MB2505W Datasheet
150Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Formosa MS
MB2505 FORMOSA-MB2505 Datasheet
41Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
DT25C00 DEC-DT25C00 Datasheet
315Kb / 1P
25 AMP SILICON BRIDGE RECTIFIERS
DB2500 DEC-DB2500 Datasheet
467Kb / 2P
25 AMP SILICON BRIDGE RECTIFIERS
DB2500P DEC-DB2500P Datasheet
143Kb / 2P
25 AMP SILICON BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
MB2505 UNIOHM-MB2505 Datasheet
72Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
MB2505W UNIOHM-MB2505W Datasheet
65Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
25FDBP DEC-25FDBP Datasheet
462Kb / 2P
25 AMP FAST RECOVERY BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC25005W DGNJDZ-KBPC25005W Datasheet
335Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBJ25005 BYTESONIC-GBJ25005 Datasheet
278Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
Version 1.2 2018/3/19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com