Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM99CIMM/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM99CIMM/NOPB
Description  LM99 짹1째C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM99CIMM/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM99CIMM/NOPB Datasheet HTML 17Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 18Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 19Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 20Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 21Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 22Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 23Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 24Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Vbe = K
ln (N)
k T
q
IF = IS e
Vbe
KVt
Vt =
k T
q
IF = IS e
- 1
Vbe
KVt
LM99
www.ti.com
SNIS129D – JANUARY 2003 – REVISED MARCH 2013
DIODE NON-IDEALITY
Diode Non-Ideality Factor Effect on Accuracy
When a transistor is connected as a diode, the following relationship holds for variables VBE, T and If:
where
•
•
q = 1.6×10
−19 Coulombs (the electron charge),
•
T = Absolute Temperature in Kelvin
•
k = 1.38×10
−23 joules/K (Boltzmann's constant),
•
η is the non-ideality factor of the process the diode is manufactured on,
•
IS = Saturation Current and is process dependent,
•
If = Forward Current through the base-emitter junction
•
VBE = Base-Emitter Voltage drop
(1)
In the active region, the -1 term is negligible and may be eliminated, yielding the following equation
(2)
In the above equation,
η and IS are dependant upon the process that was used in the fabrication of the particular
diode. By forcing two currents with a very controlled ratio (N) and measuring the resulting voltage difference, it is
possible to eliminate the IS term. Solving for the forward voltage difference yields the relationship:
(3)
The voltage seen by the LM99 also includes the IFRS voltage drop of the series resistance. The non-ideality
factor,
η, is the only other parameter not accounted for and depends on the diode that is used for measurement.
Since
ΔVBE is proportional to both η and T, the variations in η cannot be distinguished from variations in
temperature. Since the non-ideality factor is not controlled by the temperature sensor, it will directly add to the
inaccuracy of the sensor. As an example, assume a temperature sensor has an accuracy specification of ±1°C at
room temperature of 25 °C and the process used to manufacture the diode has a non-ideality variation of ±0.1%.
The resulting accuracy of the temperature sensor at room temperature will be:
TACC = ± 1°C + (±0.1% of 298 °K) = ±1.4 °C
(4)
The additional inaccuracy in the temperature measurement caused by
η, can be eliminated if each temperature
sensor is calibrated with the remote diode that it will be paired with.
Compensating for Diode Non-Ideality
In order to compensate for the errors introduced by non-ideality, the temperature sensor is calibrated for a
particular processor. Texas Instruments temperature sensors are always calibrated to the typical non-ideality of a
given processor type. The LM99 is calibrated for the non-ideality of the NVIDIA GeForceFX family thermal diode.
When a temperature sensor calibrated for a particular processor type is used with a different processor type or a
given processor type has a non-ideality that strays from the typical, errors are introduced.
Temperature errors associated with non-ideality may be reduced in a specific temperature range of concern
through use of the offset registers (11h and 12h). See Table 17 below.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com