Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40SDB Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # 40SDB
Description  40 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

40SDB Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  40SDB Datasheet HTML 1Page - DIOTEC Electronics Corporation 40SDB Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING&CHARACTERISTICCURVESFORSDB4000-4010SERIES
DataSheetNo.BSDB-4000-2B
Tel.:(310)767-1052Fax:(310)767-7958
DIOTECELECTRONICSCORP.
Gardena,CA 90248U.S.A
18020HobartBlvd.,UnitB
40 AMP SILICONBRIDGERECTIFIERS
3.01 40sdb
E48
FIGURE2.MAXIMUMNON-REPETITIVESURGECURRENT
NumberofCyclesat60Hz
FIGURE4.TYPICAL REVERSECHARACTERISTICS
PercentofRatedPeakReverseVoltage
FIGURE3.TYPICAL FORWARDCHARACTERISTICPERDIODE
InstantaneousForwardVoltage(Volts)
1
10
100
400
500
600
700
200
300
100
T =125 C
J
o
.01
0.1
1.0
10
100
120
140
20
40
0
60
80
T =125 C
J
O
T =25 C
J
O
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10
100
1000
T =25 C
J
o
PulseWidth=300 S
1%DutyCycle
m
30
10
0
20
40
50
60
25
75
125
150
175
FIGURE1.FORWARDCURRENTDERATINGCURVE
CaseTemperature, C
o
60HzResistiveorInductiveLoads
BridgeMountedon
9"x4"x5"Thick
(22.9cmx10.2cmx12.9cm)
Finned Al.Plate



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com