Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV8564C3 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # RV8564C3
Description  Real Time Clock
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

RV8564C3 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  RV8564C3 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
Real Time Clock
RV8564C3
21 Nov 2012
Features
AEC Q200 Rev C compliant
Compliant with I2C-Bus interface (400kHz)
Built in crystal for adjustment-free operation
Programmable alarm, timer and interrupt
Low power consumption, low ageing
0.80
0.30
0.90
(max)
3.70
(typ)
2.50
(typ)
SOLDER PAD LAYOUT
TOP VIEW
0.60
0.50
0.80
0.80
10
1
6
5
3.00
PAD
1
2
3
4
5
CONNECTION
Clock output enable (CLKOE)
Supply (VDD)
Clock output (CLKOUT)
Serial clock input (SCL)
Serial data (SDA)
PAD
6
7
8
9
10
CONNECTION
Interrupt output (INT)
Ground (GND)
Not connected
Not connected
Not connected
Option
Codes
RV8564C3
Product
Parameters
Product + option code
eg: RV8564C3/B ±20ppm
Option code X (eg RV8564C3/X) denotes a custom spec.
Ordering Information
Standard. Optional - Please specify required code(s) when ordering
Specifications
Available on T&R - 1k or 3k pcs per reel
Evaluation / development board & manual available on request
The I2C-Bus is a trademark of Philips Electronics NV
Block Diagram
This sub-miniature SMD ceramic package has been specially designed to
combine the 32.768kHz crystal unit with a CMOS based oscillator and
real-time clock circuit.
The calendar function tracks year, month, date and day of the week with
built-in century and leap-year flags. The clock function tracks minutes and
seconds in 24-hour format. Programmable alarm setting and universal
timer functions increase flexibility.
Manufactured by Micro Crystal
Stocked & distributed by Golledge
Description
Frequencies (selectable):
32.768kHz, 1024Hz, 32Hz & 1Hz
Frequency tolerance:
±10ppm
A
±20ppm
B
Other
specify
Turnover temperature (T
0):
+25°C ±5°C
Frequency / temp coefficient:
-0.035ppm/°C2 ±10%
Operating temperature range:
-40 to +85°C
-40 to +125°C
E
Storage temperature range:
-55 to +125°C
Supply voltage (V
DD):
I2C bus active 1.8 ~ 5.5V
Time-keeping mode 1.2 ~ 5.5V
Supply current (during access):
200μA max (fscl=100kHz)
800μA max (fscl=400kHz)
Supply current (time-keeping):
250/500nA typ/max (fscl=0Hz, V
DD=3V)
225/450nA typ/max (fscl=0Hz, V
DD=2V)
Ageing:
±3ppm max first year
Shock and vibration resistance:
±5ppm, 5,000g, 0.3ms, ½ sine
±5ppm, 20g, 10.0 ~ 2,000Hz
Soldering condition:
Reflow, 260°C, 20 sec max
2011/65/EU


Similar Part No. - RV8564C3

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
743Kb / 5P
RTC I C bus
RV8564C3 GOLLEDGE-RV8564C3_18 Datasheet
743Kb / 5P
RTC I C bus
More results

Similar Description - RV8564C3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
REAL-TIME CLOCK
logo
Seiko Instruments Inc
S-3511A SII-S-3511A Datasheet
1Mb / 28P
REAL-TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
Real Time Clock
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
Real Time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
Real time clock
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com