Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCOCXOL Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # SCOCXOL
Description  3.3 & 5.0V OCXO CMOS Output Fast Warm Up
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

SCOCXOL Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  SCOCXOL Datasheet HTML 1Page - Golledge Electronics Ltd SCOCXOL Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
3.3 & 5.0V OCXO CMOS Output Fast Warm Up
SCOCXOL
W
V
Variant
Features
Fast warm up times
Low power consumption
Wide operating temp. range
Compact 14-pin DIL package (SMD optional)
High shock and vibration resistance
Option
Codes
Parameters
Product name + option codes + frequency
eg: SCOCXOLV/TBR 10.00MHz 5.0V, ±50ppb -20+70°C
SCOCXOLW/CVD1 12.80MHz 3.3V, ±250ppb -40+85°C, SMD D1
Option code X (eg SCOCXOLV/X) denotes a custom spec.
Ordering Information
Standard. Optional - Please specify required code(s) when ordering
Specifications
2011/65/EU
7.80
±0.20
6.35
±0.50
0.80
0.46Ø
7.62
15.24
1
14
7
8
20.14
±0.08
12.52
±0.08
PIN
1
7
8
14
CONNECTION
Freq adjustment
or Ground
Ground
Output
Supply
Product is NOT designed to withstand 260°C reflow processing
Example Applications
Digital switching
Telecomm transmission
SONET, SDH, DWDM, FDM/36, WIMAX
Airborne equipment
Battery operated systems
SCOCXOLW: 3.3V supply
SCOCXOLV: 5.0V supply
20 Jul 2015
Frequency range: 10.0kHz ~ 54.0MHz
Temperature stability (±ppb max):
0 to +60°C
75
50
A
0 to +60°C
50
25
TA
-20 to +70°C
150
100
B
-20 to +70°C
75
50
TB
-40 to +85°C
250
150
C
-40 to +85°C
100
100
TC
-55 to +85°C
400
400
E
-55 to +85°C
200
200
TE
Frequency stability (ppb):
±0.3ppm max first year
±2.5ppm max in 10 years
±0.1ppm max vs V
DD
±10ppb max vs load ±10%
Short term stability:
1x10-10 max, τ 0.1 to 30s
5x10-11 typ at 1s
Storage temperature range:
-55 to +125°C
Output waveform:
CMOS
‘0’=+0.4V max, ‘1’=V
DD-0.5V min
40:60 max
Rise/fall times 7ns max (no load)
Load:
3pF min, 47pF max
Start up time:
5ms max
Frequency adjustment:
±2.5ppm min
Control voltage 0V ~ 3.3V, pin 1
V
Control voltage 0.5V ~ 5.0V, pin 1
V
Variable resistor 0~10kΩ, pins 1 to 7
R
None (int accuracy ±1.0ppm)
A
None (int accuracy ±0.5ppm)
B
Supply voltage (V
DD): +3.3V (±0.15V)
+5.0V (±0.20V)
Input current (mA max):
@ +25°C
80
50
@ -20°C
120
80
Warm up time (secs):
current 250mA max @ 25°C
10
10
to within ±0.1ppm @ 25°C
30
20
Phase noise (dB typ @ 10.0MHz):
-100dBc/Hz @ 10Hz
-130dBc/Hz @ 100Hz
-140dBc/Hz @ 1kHz
-145dBc/Hz @ 10kHz
Shock & vibration:
5,000G, 0.3ms ½-sine
10.0 ~ 2,000Hz, 20G
Package:
Through hole 14 pin DIL
SMD options D1 or D2

specify


Similar Part No. - SCOCXOL

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
SCOCXOL MICROCRYSTAL-SCOCXOL Datasheet
326Kb / 3P
family package DIL 14
logo
Golledge Electronics Lt...
SCOCXOLV GOLLEDGE-SCOCXOLV Datasheet
558Kb / 5P
5V OCXO with CMOS Output and Fast Warm Up
logo
MICORO CRYSTAL SWITZERL...
SCOCXOLVT-A10MHZ MICROCRYSTAL-SCOCXOLVT-A10MHZ Datasheet
326Kb / 3P
Fast warm-up
SCOCXOLVT-A12.8MHZ MICROCRYSTAL-SCOCXOLVT-A12.8MHZ Datasheet
326Kb / 3P
Fast warm-up
SCOCXOLVT-A14.7456MHZ MICROCRYSTAL-SCOCXOLVT-A14.7456MHZ Datasheet
326Kb / 3P
Fast warm-up
More results

Similar Description - SCOCXOL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCD665 ETC-HCD665 Datasheet
69Kb / 1P
12V OCXO FAST WARM UP
logo
Golledge Electronics Lt...
HCD665 GOLLEDGE-HCD665 Datasheet
66Kb / 1P
OCXO Sine Output - Fast Warm Up
HCD666 GOLLEDGE-HCD666 Datasheet
65Kb / 1P
OCXO HCMOS Output - Fast Warm Up
SCOCXOH GOLLEDGE-SCOCXOH Datasheet
138Kb / 2P
3.3 & 5.0V OCXO CMOS Output Low Phase Noise
OCXOVST GOLLEDGE-OCXOVST Datasheet
143Kb / 2P
5.0V OCXO CMOS Output Stratum 3
SCOCXOLW GOLLEDGE-SCOCXOLW Datasheet
558Kb / 5P
3.3V OCXO with CMOS Output and Fast Warm Up
SCOCXOLV GOLLEDGE-SCOCXOLV Datasheet
558Kb / 5P
5V OCXO with CMOS Output and Fast Warm Up
HCD666 GOLLEDGE-HCD666_18 Datasheet
553Kb / 4P
Fast Warm Up OCXO with CMOS Output and European Pin-out
HCD686 GOLLEDGE-HCD686 Datasheet
553Kb / 4P
Fast Warm Up OCXO with CMOS Output and US Pin-out
MCOCXOV GOLLEDGE-MCOCXOV_18 Datasheet
557Kb / 5P
5V OCXO with Fast Warm Up and CMOS Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com