Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF72/P Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC16LF72/P
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF72/P Datasheet(HTML) 4 Page - Microchip Technology

  PIC16LF72/P Datasheet HTML 1Page - Microchip Technology PIC16LF72/P Datasheet HTML 2Page - Microchip Technology PIC16LF72/P Datasheet HTML 3Page - Microchip Technology PIC16LF72/P Datasheet HTML 4Page - Microchip Technology PIC16LF72/P Datasheet HTML 5Page - Microchip Technology PIC16LF72/P Datasheet HTML 6Page - Microchip Technology PIC16LF72/P Datasheet HTML 7Page - Microchip Technology PIC16LF72/P Datasheet HTML 8Page - Microchip Technology PIC16LF72/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 136 page
background image
PIC16F72
DS39597B-page 2
 2002 Microchip Technology Inc.
Key Reference Manual Features
PIC16F72
Operating Frequency
DC - 20 MHz
RESETS and (Delays)
POR, BOR, (PWRT, OST)
FLASH Program Memory - (14-bit words, 1000 E/W cycles)
2K
Data Memory - RAM (8-bit bytes)
128
Interrupts
8
I/O Ports
PORTA, PORTB, PORTC
Timers
Timer0, Timer1, Timer2
Capture/Compare/PWM Modules
1
Serial Communications
SSP
8-bit A/D Converter
5 channels
Instruction Set (No. of Instructions)
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com