Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF72/SS Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC16LF72/SS
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF72/SS Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC16LF72/SS Datasheet HTML 26Page - Microchip Technology PIC16LF72/SS Datasheet HTML 27Page - Microchip Technology PIC16LF72/SS Datasheet HTML 28Page - Microchip Technology PIC16LF72/SS Datasheet HTML 29Page - Microchip Technology PIC16LF72/SS Datasheet HTML 30Page - Microchip Technology PIC16LF72/SS Datasheet HTML 31Page - Microchip Technology PIC16LF72/SS Datasheet HTML 32Page - Microchip Technology PIC16LF72/SS Datasheet HTML 33Page - Microchip Technology PIC16LF72/SS Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 136 page
background image
PIC16F72
DS39597B-page 28
 2002 Microchip Technology Inc.
4.3
Reading the FLASH Program
Memory
To read a program memory location, the user must
write two bytes of the address to the PMADRL and
PMADRH registers and then set control bit, RD
(PMCON1<0>). Once the read control bit is set, the
program memory FLASH controller will use the second
instruction cycle after to read the data. This causes the
second instruction immediately following the “BSF
PMCON1,RD
” instruction to be ignored. The data is
available in the very next cycle in the PMDATL and
PMDATH registers; therefore, it can be read as two
bytes in the following instructions. PMDATL and
PMDATH registers will hold this value until another
read, or until it is written to by the user (during a write
operation).
4.4
Operation During Code Protect
The FLASH program memory control can read any-
where within the program memory, whether or not the
program memory is code protected.
This does not compromise the code, because there is
no way to rewrite a portion of the program memory, or
leave contents of a program memory read in a register
while changing modes.
EXAMPLE 4-1:
FLASH PROGRAM READ
TABLE 4-1:
REGISTERS ASSOCIATED WITH PROGRAM FLASH
BANKSEL PMADRH
; Select Bank for PMADRH
MOVLW
MS_PROG_EE_ADDR
;
MOVWF
PMADRH
; MS Byte of Program Address to read
MOVLW
LS_PROG_EE_ADDR
;
MOVWF
PMADRL
; LS Byte of Program Address to read
BANKSEL PMCON1
; Select Bank for PMCON1
BSF
PMCON1, RD
; EE Read
;
NOP
; Any instructions here are ignored as program
NOP
; memory is read in second cycle after BSF PMCON1,RD
;
; First instruction after BSF PMCON1,RD executes normally
BANKSEL PMDATL
; Select Bank for PMDATL
MOVF
PMDATL, W
; W = LS Byte of Program PMDATL
MOVF
PMDATH, W
; W = MS Byte of Program PMDATL
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
RESETS
10Dh
PMADRL
Address Register Low Byte
xxxx xxxx uuuu uuuu
10Fh
PMADRH
Address Register High Byte
xxxx xxxx uuuu uuuu
10Ch
PMDATL
Data Register Low Byte
xxxx xxxx uuuu uuuu
10Eh
PMDATH
Data Register High Byte
xxxx xxxx uuuu uuuu
18Ch
PMCON1
(1)
RD
1--- ---0 1--- ---0
Legend: x = unknown, u = unchanged, r = reserved, - = unimplemented, read as '0'.
Shaded cells are not used during FLASH access.
Note 1: This bit always reads as a ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com