Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5521 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G5521
Description  Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5521 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G5521 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5521 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver: 0.2
Nov 22, 2011
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5521A
Global Mixed-mode Technology
Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
Features
2.5V to 5.5V Input Supply Range
640kHz/1.2MHz Current-Mode Boost Regulator
Fast Transient Response to Pulse Load
±1% Accurate Output Voltage
Built-In 20V/2A, 0.2
Ω N-Channel MOSFET
High Efficiency up to 90%
Programmable Soft-Start
Over-Current Protection
Output Under-Voltage Protection
High-Performance Operational Amplifiers
±150mA Output Short-Circuit Current
12V/µs Slew Rate
12MHz, -3dB Bandwidth
Rail-to-Rail Input and Output
Low Dropout Voltage Linear Regulator
350mA Maximum Output Current
Adjustable Output Voltage
On-Chip GPM Controller
Adjustable Falling Time and Power-On Delay
Flicker Compensator
Power-On Sequence Control
Charge pump for VGH regulation
Low Voltage Detector
Programmable Detecting Voltage and Delay Time
Thermal-Overload Protection
RoHs Compliant
TQFN4X4-24 Package
Applications
LCD Monitor
Notebook Computer Displays
LCD TVs
General Description
The G5521A includes a high-performance boost regulator,
a low dropout linear regulator (LDO), a gate pulse modula-
tor (GPM), a voltage detector, a VCOM buffer (unity-gain
OPA), and a VGH charge pump controller for activematrix
thin-film transistor (TFT) liquid-crystal displays (LCDs).
The boost converter provides the regulated supply volt-
age for the panel source driver ICs. The converter is a
high switching frequency (640kHz or 1.2MHz) current-
mode regulator with an integrated 20V N-Channel
0.2
Ω MOSFET that allows the use of ultra-small inductors
and ceramic capacitors. It provides fast transient re-
sponse to pulsed loading while achieving efficiency over
90%. The device can produce output voltage as high as
18V from an input as low as 2.8V. Soft-Start is pro-
grammed by external capacitor, which sets the in-
put-current ramp-rate. The low-dropout (LDO) linear regu-
lator can supply up to 350mA current while input voltage is
3.3V. It uses an internal PMOS as the pass device. It is
suitable for the supply voltage of the timing controller.
The GPM is controlled by frame signals from timing con-
troller to modulate the Gate-On voltage, VGHM, which acts
a flicker compensation circuit to reduce the coupling effect
between gate lines and pixels. It also can delay the
Gate-On voltage while power-on for achieving a corrected
power-on sequence for gate driver ICs. Both of power-on
delay time and the falling time of the Gate-On voltage are
programmable by external capacitor and resistor.
The voltage detector monitors the supply voltage to issue a
reset signal while the detected voltage is too low. The de-
tecting level is decided by an external resistor divider and
the delay time is programmable by an external capacitor.
The VCOM buffer can drive the LCD VCOM voltage that
features high short-circuit current (150mA), fast slew rate
(12V/µs), wide bandwidth (12MHz) and rail-to-rail in-
put/output.
The VGH charge pump controller provides regulated TFT
Gate-On voltage. The regulation of the positive charge
pump is generated by the internal comparator that senses
the output voltage and compares it with an internal refer-
ence.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G5521AR51U
5521
-40°C to 85°C
TQFN4X4-24
Note: R5: TQFN4X4-24
1: Bonding Code
U: Tape & Reel
Pin Configuration
G5521A TQFN4X4-24
LX
VIN
SS
AGND
ADJ
LDOO
AVDD
DRVP
FBP
VGH
VGHM
RE
1
2
3
4
5
6
13
14
15
16
17
18
Thermal
Pad
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
G5521A TQFN4X4-24
LX
VIN
SS
AGND
ADJ
LDOO
AVDD
DRVP
FBP
VGH
VGHM
RE
1
2
3
4
5
6
13
14
15
16
17
18
Thermal
Pad
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com