Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5343 Datasheet(PDF) 1 Page - AUK corp

Part # 2SC5343
Description  NPN Silicon Transistor (General small signal amplifier)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

2SC5343 Datasheet(HTML) 1 Page - AUK corp

  2SC5343 Datasheet HTML 1Page - AUK corp 2SC5343 Datasheet HTML 2Page - AUK corp 2SC5343 Datasheet HTML 3Page - AUK corp 2SC5343 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KST-9005-003
1
2SC5343
NPN Silicon Transistor
7
Description
• General small signal amplifier
Features
• Low collector saturation voltage : VCE(sat)=0.25V(Max.)
• Low output capacitance : Cob=2pF(Typ.)
• Complementary pair with 2SA1980
Ordering Information
Type NO.
Marking
Package Code
2SC5343
C5343
TO-92
Outline Dimensions
unit : mm
4.4~4.6
0.38~0.42
1.27 Typ
.
2.54 Typ
.
1 2 3
3.35~3.55
2.15~2.35
1.96~2.16
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. Emitter
2. Collector
3. Base


Similar Part No. - 2SC5343

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
2SC5343 BILIN-2SC5343 Datasheet
225Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
SeCoS Halbleitertechnol...
2SC5343 SECOS-2SC5343 Datasheet
96Kb / 2P
NPN Transistor Plastic-Encapsulate Transistors
logo
KODENSHI_AUK CORP.
2SC5343 KODENSHI-2SC5343 Datasheet
231Kb / 4P
General small signal amplifier
logo
Shenzhen Jin Yu Semicon...
2SC5343 HTSEMI-2SC5343 Datasheet
635Kb / 2P
TRANSISTOR (NPN)
logo
SHENZHEN YONGERJIA INDU...
2SC5343 WINNERJOIN-2SC5343 Datasheet
166Kb / 2P
SOT-23 TRANSISTOR
More results

Similar Description - 2SC5343

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SA1980E AUK-2SA1980E Datasheet
236Kb / 4P
PNP Silicon Transistor (General small signal amplifier)
2SA1980M AUK-2SA1980M Datasheet
223Kb / 4P
PNP Silicon Transistor (General small signal amplifier)
2SA1980UF AUK-2SA1980UF Datasheet
225Kb / 4P
PNP Silicon Transistor (General small signal amplifier)
2SC5343E AUK-2SC5343E Datasheet
94Kb / 4P
NPN Silicon Transistor (General small signal amplifier)
2SC5343EF AUK-2SC5343EF Datasheet
221Kb / 4P
NPN Silicon Transistor (General small signal amplifier)
2SC5343M AUK-2SC5343M Datasheet
214Kb / 4P
NPN Silicon Transistor (General small signal amplifier)
2SC5343SF AUK-2SC5343SF Datasheet
214Kb / 4P
NPN Silicon Transistor (General small signal amplifier)
2SC5343U AUK-2SC5343U Datasheet
214Kb / 4P
NPN Silicon Transistor (General small signal amplifier)
2SC5343UF AUK-2SC5343UF Datasheet
214Kb / 4P
NPN Silicon Transistor (General small signal amplifier)
logo
NTE Electronics
2N2222A NTE-2N2222A Datasheet
66Kb / 2P
Silicon NPN Transistor Small Signal General Purpose Amplifier & Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com