Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5201 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5201
Description  5V/12V Input Voltage-Mode Buck PWM Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5201 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5201 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 1.5
Jan 24, 2011
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5201
Global Mixed-mode Technology Inc.
5V/12V Input Voltage-Mode Buck PWM Controller
Features
Drives Two N-Channel MOSFETs
Operates at 5V to 12V Supply Voltage
Voltage-Mode PWM Control
Fast Transient Response
0.8V, 2% Accuracy Reference Voltage
Internal Soft Start
Constant 300kHz Switching Frequency
Over-Current Fault Monitors by Using
Low-Side MOSFET RDS(ON)
Output Under-Voltage Protection
Applications
High Power DC-DC Regulators
Low-Voltage Distributed Power Supplies
General Description
The G5201 provides complete control and protection
for a DC-DC converter for high power applications. It is
designed to drive two N-channel MOSFETs in a syn-
chronous-rectified buck topology. The G5201 inte-
grates all of the control, and protection functions into a
single package.
The G5201 provides simple, single feedback loop,
voltage-mode control with fast transient response. It
includes a 300kHz free-running triangle-wave oscilla-
tor. The error amplifier features a 15MHz gain-band-
width product which provides high converter band-
width for fast transient performance. The resulting
PWM duty ratio ranges from 0% to 80%. The refer-
ence voltage is 0.8V, 2% accuracy.
The G5201 has internal soft start and executes cy-
cle-by-cycle current limit during soft start interval. The
G5201 monitors the current by using the RDS(ON) of the
low-side MOSFET which eliminates the need for a
current sensing resistor. The under-voltage protection
function monitors voltage at FB pin. The over-current
and under-voltage events after soft-start interval trig-
ger hiccup mode protection.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G5201P11U
G5201
-40°C~ +85°C
SOP-8
Note: P1: SOP-8
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
GND
8
6
5
1
2
3
4
BOOT
UGATE
LGATE
LX
OCSET
FB
VCC
SOP-8
G5201
7
BOOT
SHDN
UGATE
6µH
OCSET
FB
LGATE
GND
VCC
5V~12V
G5201
0.1µF
2000µF
10nF
10
Ω
4.7µF
220µF
68
Ω
32
Ω
3V~12V
ROCSET
LX
VO=2.5V
GND
8
6
5
1
2
3
4
BOOT
UGATE
LGATE
LX
OCSET
FB
VCC
SOP-8
G5201
7
BOOT
SHDN
UGATE
6µH
OCSET
FB
LGATE
GND
VCC
5V~12V
G5201
0.1µF
2000µF
10nF
10
Ω
4.7µF
220µF
68
Ω
32
Ω
3V~12V
ROCSET
LX
VO=2.5V


Similar Part No. - G5201

ManufacturerPart #DatasheetDescription
logo
Heyco.
G5201 HEYCO-G5201 Datasheet
102Kb / 1P
HEYCaps™ and Plugs for Round Tubing
More results

Similar Description - G5201

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
12V/5V Input Buck PWM Controller
Rev 0; 5/06
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW8722 ANPEC-APW8722 Datasheet
664Kb / 23P
5V to 12V Single Buck Voltage Mode PWM Controller
APW8723 ANPEC-APW8723 Datasheet
721Kb / 23P
5V to 12V Single Buck Voltage Mode PWM Controller
APW8726 ANPEC-APW8726 Datasheet
617Kb / 22P
5V to 12V Single Buck Voltage Mode PWM Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5302 EXCELLIANCE-EM5302 Datasheet
402Kb / 11P
5V/12V Synchronous Buck PWM Controller with Reference Input
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com