Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5345SF Datasheet(PDF) 2 Page - AUK corp

Part # 2SC5345SF
Description  NPN Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

2SC5345SF Datasheet(HTML) 2 Page - AUK corp

  2SC5345SF Datasheet HTML 1Page - AUK corp 2SC5345SF Datasheet HTML 2Page - AUK corp 2SC5345SF Datasheet HTML 3Page - AUK corp 2SC5345SF Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KST-2069-000
2
Absolute maximum ratings
Ta=25
°°°°C
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
V
CBO
30
V
Collector-Emitter voltage
V
CEO
20
V
Emitter-Base voltage
V
EBO
4V
Collector current
I
C
20
mA
Collector dissipation
P
C
150
mW
Junction temperature
T
j
150
°C
Storage temperature range
T
stg
-55~150
°C
Electrical Characteristics
Ta=25
°°°°C
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BV
CBO
I
C=10µA, IE=0
30
-
-
V
Collector-Emitter breakdown voltage
BV
CEO
I
C=5mA, IB=0
20
-
-
V
Emitter-Base breakdown voltage
BV
EBO
I
E=10µA, IC=0
4
-
-
V
Collector cut-off current
I
CBO
V
CB=30V, IE=0
-
-
0.5
µA
Emitter cut-off current
I
EBO
V
EB=4V, IC=0
-
-
0.5
µA
DC current gain
h
FE
*
V
CE=6V, IC=1mA
40
-
240
-
Collector-Emitter saturation voltage
V
CE(sat)
I
C=10mA, IB=1mA
-
-
0.3
V
Transistor frequency
f
T
V
CE=6V, IE=-1mA
-
550
-
MHz
Collector output capacitance
C
ob
V
CB=6V, IE=0, f=1MHz
-
1.4
-
pF
* : hFE rank / R : 40~80, O : 70~140, Y : 120~240
2SC5345SF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com