Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A431ASF Datasheet(PDF) 2 Page - AUK corp

Part # A431ASF
Description  Programmable Voltage Reference (Programmable output voltage to 20 volts)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

A431ASF Datasheet(HTML) 2 Page - AUK corp

  A431ASF Datasheet HTML 1Page - AUK corp A431ASF Datasheet HTML 2Page - AUK corp A431ASF Datasheet HTML 3Page - AUK corp A431ASF Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSI-2037-004
2
A431xSF
Absolute maximum ratings
(Operating ambient temperature range applies unless other specified)
Parameter
Symbol
Ratings
Unit
Cathode to Anode voltage
VKA
20
V
Cathode current range
IKA
-100 ~+150
mA
Reference input current range
Iref
-0.05~+10
mA
Power dissipation
PD*
300
mW
Operating temperature range
Topr
-40~+85
°C
Storage temperature range
Tstg
-65~+150
°C
* With PCB(8×8mm copper area) at glass epoxy board(t=1.7mm, area: 20×20mm)
Recommended operating conditions
Ratings
Parameter
Symbol
Min.
Max.
Unit
Cathode to Anode voltage
VKA
Vref
18
V
Cathode current range
IKA
1.0
100
mA
Electrical Characteristics
(Ambient temperature at 25
°C, unless otherwise noted.)
Parameter
Symbol
Condition
Min.
Typ. Max. Unit
A431BSF
2.482
2.508
Reference input voltage
(Fig. 1, Note 1)
Vref
VKA=Vref,
IKA=10mA
A431ASF
2.470
2.495
2.520
V
Deviation of reference input voltage
Over temperature(Fig. 1, Note 1,2)
∆Vref
VKA=Vref , IKA=10mA
@Ta=TLOW to THIGH
-
7.0
30
mV
Ratio of change in reference input
Voltage to the change in cathode
Voltage(Fig. 2)
∆Vref
∆VKA
IKA=10mA
∆VKA=10V-Vref
∆VKA=20V-10V
-
-
1.2
0.7
2.7
2.0
mV/V
Reference input current(Fig. 2)
Iref
IKA=10mA
R1=10KΩ, R2=∞
-
1.8
4.0
µA
Deviation of reference input current
over temperature(Fig. 2)
∆Iref
IKA=10mA
R1=10KΩ, R2=∞
-
0.4
2.5
µA
Minimum cathode current for
Regulation(Fig. 1)
IMIN
VKA=Vref
-
0.35
1.0
mA
Off-state cathode current(Fig. 3)
IOFF
VKA=20V, Vref=0V
-
2.7
1000
nA
Dynamic impedance(Fig. 1, Note 3)
ZKA
VKA=Vref, f≤1.0KHz
IKA=1.0mA-100mA
-
0.14
0.5
Ω
Fig. 1
Fig. 2
Fig. 3
<Note 1> : TLOW=-40°C, THIGH=+85°C , <Note 2> : ∆Vref= Vref Max. - Vref Min. , <Note 3> : ZKA= ∆VKA/ ∆IKA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com