Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6451BV Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM6451BV
Description  Audio Variable Volume IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451BV Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM6451BV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451BV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SM6451BV
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Audio Variable Volume IC
OVERVIEW
The SM6451BV is a 3-wire serial-controlled electronic variable volume IC for audio applications. It provides
electronic volume control for a stereo system (left and right channels), and independent channel attenuation
and muting, with greatly enhanced digital zip noise suppression. The chip address function allows up to four
SM6451BV devices to be connected and individually controlled over the 3-wire control interface from a single
CPU. It is available in 16-pin VSOP packages.
FEATURES
s
Stereo inputs and outputs
s
Attenuation function
• 2-channel independent control
• 1.0 dB/step over 80 steps
• 0 to
−80 dB range
s
Mute function
s
3-wire serial data control (MDT, MCK, MLEN)
s
Chip addressing (up to 4 devices can be connected
in parallel)
s
Low noise
• 0.003 % THD + noise
• 12
µVrms residual noise
s
2.5 to 3.6 V single power supply
s
Silicon-gate CMOS process
APPLICATIONS
s
Audio equipment
ORDERING INFORMATION
PINOUT
(Top View)
PACKAGE DIMENSIONS
(Unit: mm)
16 pin VSOP
D e vice
P a ck ag e
SM6451BV
16-pin VSOP
1
9
16
8
RSTN
ADRS1
ADRS2
DVDD
LOUT
LIN
AVDD
MDT
MCK
MLEN
DVSS
ROUT
RIN
AVSS
VRL
VRR
5.1 0.2
0.22
+ 0.10
- 0.05
010
0.5 0.2
0.275TYP
0.65
0.10
0.12 M
0.15
+ 0.1
- 0.05


Similar Part No. - SM6451BV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6451B NPC-SM6451B Datasheet
162Kb / 12P
Audio Variable Volume IC
More results

Similar Description - SM6451BV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6451AVNIPPON NPC-SM6451AVNIPPON Datasheet
149Kb / 12P
Audio Variable Volume IC
SM6452AM NPC-SM6452AM Datasheet
130Kb / 16P
Audio Variable Volume ICs
SM6451B NPC-SM6451B Datasheet
162Kb / 12P
Audio Variable Volume IC
SM6451A NPC-SM6451A Datasheet
183Kb / 13P
Audio Variable Volume IC
logo
Sanyo Semicon Device
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
For Car Audio Systems Electronic Volume IC
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
Electronic Volume IC for Car Audio Systems
May, 2013
LV3319PM ONSEMI-LV3319PM Datasheet
281Kb / 26P
Electronic Volume IC
June, 2013
logo
SHENZHEN FUMAN ELECTRON...
TC3303 FUMAN-TC3303 Datasheet
354Kb / 7P
3W-D stereo audio amplifier IC with volume control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com