Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

050-307 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 050-307
Description  Size 8 Cavity Opto-Electronic Contact
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-307 Datasheet(HTML) 2 Page - Glenair, Inc.

  050-307 Datasheet HTML 1Page - Glenair, Inc. 050-307 Datasheet HTML 2Page - Glenair, Inc. 050-307 Datasheet HTML 3Page - Glenair, Inc. 050-307 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
9
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Rev. Feb. 2013
050-307
Size 8 Cavity Opto-Electronic Contact
2.5mm Terminus, 850nm VCSEL, 100Mbps – 4.25Gbps
Notes
• Contact fits inside radiall & Souriau ArInC 600 Q11 insert layout - Size 8 Quadrax front release/front removable cavity.
• When installed in ArInC 600 receptacle Q11 insert, this contact couples with ELIO® contact encased in ArInC 600 female Quadrax
adapter.
• This contact, when installed in radiall or Souriau ArInC 600 receptacle with roHS compliant stand-off will meet applicable optical,
mechanical and environmental performance requirements of ArInC 801 contact and ArInC 600 connector.
• Cap may be removed to provide access for fiber tip cleaning, or to replace alignment sleeve.
• Laser safety information: Class 1 21CFr1040.10
• Contact is roHS compliant.
• recommended PCB installation soldering contacts can withstand locally applied soldering heating of pins typical roHS compliant
solder temperature of 260°C and typical time of 10 seconds.
Component replacement Part
numbers
Dry action cleaning tool
RECOMMENDED
GCLT - C250



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com