Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4399 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SC4399
Description  High-Frequency General-Purpose Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4399 Datasheet(HTML) 3 Page - ON Semiconductor

  2SC4399 Datasheet HTML 1Page - ON Semiconductor 2SC4399 Datasheet HTML 2Page - ON Semiconductor 2SC4399 Datasheet HTML 3Page - ON Semiconductor 2SC4399 Datasheet HTML 4Page - ON Semiconductor 2SC4399 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC4399
Rev.0 I Page 3 of 5 I www.onsemi.com
2
3
2
5
7
3
5
7
1.0
0.1
5
2
2
3
3
5
7
7
100
10
Input Admittance,
yie -- IC
ITR06688
VCE=6V
f=10MHz
IC=1mA
f=100MHz
IC=1mA
f=100MHz
c ie
ITR06689
VCE=6V
f=10MHz
2
3
5
2
3
5
7
10
1.0
Output Admittance,
yoe -- IC
coe
g oe
2
3
5
3
5
7
2
0.01
0.1
10
2
2
3
5
3
5
7
100
7
5
10
1.0
7
5
2
33
7
5
10
1.0
7
5
2
33
Input Admittance,
yie -- IC
ITR06686
VCE=6V
f=1.0MHz
c ie
g ie
7
5
10
1.0
7
5
23
3
7
5
10
1.0
7
5
23
3
ITR06687
VCE=6V
f=1.0MHz
2
3
5
7
10
1.0
Output Admittance,
yoe -- IC
c oe
g oe
2
3
2
5
7
10
1.0
2
10
1.0
7
5
23
Input Admittance,
yie -- VCE
ITR06690
cie
gie
2
3
2
3
5
5
7
100
10
2
3
5
2
3
5
7
0.1
1.0
Reverse Transfer Admittance,
yre -- VCE
ITR06691
cre
gre
72
10
1.0
7
5
23
Collector Current, IC – mA
Collector Current, IC –mA
Collector Current, IC – mA
Collector Current, IC –mA
Collector-to-Emitter Voltage, VCE – V
Collector-to-Emitter Voltage, VCE –V
0
160
120
80
40
140
100
60
20
20
060
40
80
100
140
120
160
PC -- Ta
ITR06685
100
1.0
23
5
7
2
3
5
7
10
1.0
7
5
3
7
5
3
2
2
0.1
VCE(sat) -- IC
ITR06684
IC / IB=10
Collector Current, IC –mA
Ambient Temperature, Ta – ˚C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com