Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4399D Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SC4399D
Description  High-Frequency General-Purpose Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4399D Datasheet(HTML) 2 Page - ON Semiconductor

  2SC4399D Datasheet HTML 1Page - ON Semiconductor 2SC4399D Datasheet HTML 2Page - ON Semiconductor 2SC4399D Datasheet HTML 3Page - ON Semiconductor 2SC4399D Datasheet HTML 4Page - ON Semiconductor 2SC4399D Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC4399
Rev.0 I Page 2 of 5 I www.onsemi.com
NF, PG Test Circuit
OUTPUT
50
Ω
L2
L1
INPUT 50
Ω
VBE
VCE
to 30pF
to 30pF
to 22pF
to 22pF
to 5pF
L1 : 1mmø plated wire 10mmø 4 T, tap : 2T from VBE side.
L2 : 1mmø plated wire 10mmø 7 T, tap : 1T from VCE side.
L3 : 1mmø enameled wire 10mmø 3 T
5
4
3
2
1
0
024
6
8
10
IC -- VCE
10
μA
15
μA
20
μA
25
μA
30
μA
5
μA
ITR06678
IB=0
hFE -- IC
VCE=6V
VCE=6V
ITR06680
100
10
7
1000
7
5
3
2
5
3
2
1.0
3
25
0.1
3
25
7
7
10
3
25
100
80
60
40
20
0
0
0.2
0.4
0.6
0.8
1.0
IB -- VBE
ITR06679
3
100
2
2
5
7
1000
7
5
7
25
37
25
37
25
3
1.0
10
100
f T -- IC
ITR06681
Cre -- VCB
5
3
2
7
5
3
2
1.0
1.0
7
10
3
25
3
25
ITR06682
f=1MHz
rbb'Cc -- IC
7
5
3
100
2
7
5
3
2
10
1.0
73
10
2
0.1
3
27
55
2
ITR06683
f=31.9MHz
V
CE=12V
3V
6V
VCE=3V
12V
6V
Collector-to-Emitter Voltage, VCE –V
Base-to-Emitter Voltage, VBE –V
Collector Current, IC –mA
Collector Current, IC –mA
Collector Current, IC –mA
Collector-to-Base Voltage, VCB -- V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com