Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6452AM Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM6452AM
Description  Audio Variable Volume ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6452AM Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM6452AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6452AM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SM6452AM/BM
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Audio Variable Volume ICs
OVERVIEW
The SM6452AM/BM are serial-control electronic variable volume ICs for audio applications. They provide
electronic volume control for 6 channels, with independent channel gain, attenuation and muting. They feature
enhanced digital zip noise suppression. The serial control options are 3-wire interface (SM6452AM) and I2C
bus (SM6452BM). The SM6452AM/BM are available in 24-pin SSOP packages.
FEATURES
s
6-channel input/output (positive-phase-sequence
output)
s
Attenuation function
• 6-channel independent control
• +16 to 0 to
−79dB variable range
• 1.0 dB/step adjustment
• Mute function
s
Microcontroller interface
• 3-wire serial data interface (SM6452AM)
•I2C bus format 2-wire control (SM6452BM)*1
•I2C address = 1000000
s
Low noise
•
≤ 0.002% THD + noise
•
≤ 10µVrms residual noise
s
0.5AVDD analog reference voltage source built-in
s
Power supply
• 7 to 13V analog supply
• 2.7 to 5.5V digital supply
s
Molybdenum-gate CMOS process
s
24-pin SSOP
ORDERING INFORMATION
PINOUT
SM6452AM
SM6452BM
*1. I2C bus is a registered trademark of Philips
Electronics N.V.
D e vice
P a ck ag e
SM6452AM
24-pin SSOP
SM6452BM
24-pin SSOP
Top view
Top view
1
13
24
12
AVDD1
VREF1
AIN1
AIN2
AIN3
AIN4
AIN5
AVDD2
VREF2
AOUT1
AOUT2
AOUT3
AOUT4
AOUT5
AIN6
AOUT6
AVSS1
DVDD
MDT
RSTN
AVSS2
DVSS
MCK
MLEN
1
13
24
12
AVDD1
VREF1
AIN1
AIN2
AIN3
AIN4
AIN5
AVDD2
VREF2
AOUT1
AOUT2
AOUT3
AOUT4
AOUT5
AIN6
AOUT6
AVSS1
DVDD
SDA
RSTN
AVSS2
DVSS
SCL
NC


Similar Part No. - SM6452AM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM645 MICROSEMI-SM645 Datasheet
56Kb / 4P
SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Nippon Precision Circui...
SM6451 NPC-SM6451 Datasheet
155Kb / 12P
Audio Variable Volume IC
SM6451A NPC-SM6451A Datasheet
183Kb / 13P
Audio Variable Volume IC
SM6451AT NPC-SM6451AT Datasheet
183Kb / 13P
Audio Variable Volume IC
SM6451AV NPC-SM6451AV Datasheet
149Kb / 12P
Audio Variable Volume IC
More results

Similar Description - SM6452AM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6451AVNIPPON NPC-SM6451AVNIPPON Datasheet
149Kb / 12P
Audio Variable Volume IC
SM6451BV NPC-SM6451BV Datasheet
155Kb / 12P
Audio Variable Volume IC
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
Stereo Audio Volume Control
logo
Rohm
BA5404 ROHM-BA5404 Datasheet
204Kb / 2P
ICs FOR AUDIO APPLICATIONS
logo
Nippon Precision Circui...
SM6451B NPC-SM6451B Datasheet
162Kb / 12P
Audio Variable Volume IC
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
Stereo Audio Volume Control
logo
Nippon Precision Circui...
SM6451A NPC-SM6451A Datasheet
183Kb / 13P
Audio Variable Volume IC
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
Stereo Audio Volume Control
logo
Sanyo Semicon Device
LV1117N SANYO-LV1117N Datasheet
335Kb / 18P
Surround Processor ICs for Electronic Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
Stereo Audio Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com