Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8309 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ECH8309
Description  P-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8309 Datasheet(HTML) 3 Page - ON Semiconductor

  ECH8309 Datasheet HTML 1Page - ON Semiconductor ECH8309 Datasheet HTML 2Page - ON Semiconductor ECH8309 Datasheet HTML 3Page - ON Semiconductor ECH8309 Datasheet HTML 4Page - ON Semiconductor ECH8309 Datasheet HTML 5Page - ON Semiconductor ECH8309 Datasheet HTML 6Page - ON Semiconductor ECH8309 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ECH8309
No. A1418-3/7
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
IT13985
IT13986
0
--2.5
--0.5
0
0
--7
--4
--3
--6
--5
--1
--2
--1.0
--0.2 --0.3 --0.4
--0.1
--0.5 --0.6 --0.7 --0.8 --0.9
0
--10
--9
--8
--7
--1.0
--1.5
--2.0
--6
--5
--4
--3
--1
--2
--1.5V
VGS= --1.2V
VDS= --6V
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
IS -- VSD
Diode Forward Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
| yfs | -- I
D
SW Time -- ID
Drain Current, ID -- A
0
100
1000
7
5
3
2
5
3
2
--12
--2
--6
--8
--10
--4
IT13992
IT13991
IT13990
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--0.01
--0.1
2
7
5
3
2
--1.0
7
5
3
2
--10
7
5
3
2
IT13989
f=1MHz
Ciss
Coss
Crss
--0.01
--0.1
23
5 7
23
5 7
5
--1.0
--10
7
23
10
7
5
2
3
5
7
7
2
3
2
3
5
0.1
1.0
VDS= --6V
25°
C
Ta=
--25
°C
75°
C
VGS=0V
1000
100
10
2
3
2
5
7
3
2
5
7
--0.01
--1.0
23
5 7
--0.1
23
5 7
23
5 7
--10
2
VDD= --6V
VGS= --4.5V
td(off)
tf
td(on)
tr
IT14418
IT14419
0
0
50
--8
--1
--2
--3
--4
--5
--6
--7
45
35
40
30
20
25
10
15
5
Ta=25
°C
ID= --1.0A
--4.5A
--2.0A
--60 --40 --20
0
20
40
60
80
100 120 140 160
0
45
15
20
10
40
25
35
30
5
VGS
= --2.5V
, ID=
--2.0A
VGS
= --1.8V
, ID=
--1.0A
VGS=
--4.5V
, ID= -
-4.5A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com