Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2C01HD Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMDF2C01HD
Description  Complementary SO??, Dual Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2C01HD Datasheet(HTML) 3 Page - ON Semiconductor

  MMDF2C01HD Datasheet HTML 1Page - ON Semiconductor MMDF2C01HD Datasheet HTML 2Page - ON Semiconductor MMDF2C01HD Datasheet HTML 3Page - ON Semiconductor MMDF2C01HD Datasheet HTML 4Page - ON Semiconductor MMDF2C01HD Datasheet HTML 5Page - ON Semiconductor MMDF2C01HD Datasheet HTML 6Page - ON Semiconductor MMDF2C01HD Datasheet HTML 7Page - ON Semiconductor MMDF2C01HD Datasheet HTML 8Page - ON Semiconductor MMDF2C01HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MMDF2C01HD
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS − continued (TA = 25°C unless otherwise noted) (Note 6.)
Characteristic
Symbol
Polarity
Min
Typ
Max
Unit
SWITCHING CHARACTERISTICS
− continued (Note 8.)
Total Gate Charge
QT
(N)
(P)
9.2
9.3
13
13
nC
Gate−Source Charge
(VDS = 10 Vdc, ID = 4.0 Adc,
VGS = 4.5 Vdc)
Q1
(N)
(P)
1.3
0.8
Gate−Drain Charge
(VDS = 6.0 Vdc, ID = 2.0 Adc,
VGS = 4.5 Vdc)
Q2
(N)
(P)
3.5
4.0
VGS = 4.5 Vdc)
Q3
(N)
(P)
3.0
3.0
SOURCE−DRAIN DIODE CHARACTERISTICS (TC = 25°C)
Forward Voltage (Note 7.)
(IS = 4.0 Adc, VGS = 0 Vdc)
(IS = 2.0 Adc, VGS = 0 Vdc)
VSD
(N)
(P)
0.95
1.69
1.1
2.0
Vdc
Reverse Recovery Time
trr
(N)
(P)
38
48
ns
(IF = IS,
ta
(N)
(P)
17
23
(IF = IS,
dIS/dt = 100 A/µs)
tb
(N)
(P)
22
25
Reverse Recovery Stored
Charge
QRR
(N)
(P)
0.028
0.05
µC
6. Negative signs for P−Channel device omitted for clarity.
7. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
8. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com