Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2P01HD Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMDF2P01HD
Description  P?묬hannel SO??, Dual Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2P01HD Datasheet(HTML) 1 Page - ON Semiconductor

  MMDF2P01HD Datasheet HTML 1Page - ON Semiconductor MMDF2P01HD Datasheet HTML 2Page - ON Semiconductor MMDF2P01HD Datasheet HTML 3Page - ON Semiconductor MMDF2P01HD Datasheet HTML 4Page - ON Semiconductor MMDF2P01HD Datasheet HTML 5Page - ON Semiconductor MMDF2P01HD Datasheet HTML 6Page - ON Semiconductor MMDF2P01HD Datasheet HTML 7Page - ON Semiconductor MMDF2P01HD Datasheet HTML 8Page - ON Semiconductor MMDF2P01HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
September, 2004 − Rev. XXX
1
Publication Order Number:
MMDF2P01HD/D
MMDF2P01HD
Preferred Device
Power MOSFET
2 Amps, 12 Volts
P−Channel SO−8, Dual
These miniature surface mount MOSFETs feature ultra low RDS(on)
and true logic level performance. They are capable of withstanding
high energy in the avalanche and commutation modes and the
drain−to−source diode has a very low reverse recovery time.
MiniMOS
t devices are designed for use in low voltage, high speed
switching applications where power efficiency is important. Typical
applications are dc−dc converters, and power management in portable
and battery powered products such as computers, printers, cellular and
cordless phones. They can also be used for low voltage motor controls
in mass storage products such as disk drives and tape drives.
• Ultra Low R
DS(on) Provides Higher Efficiency and Extends Battery
Life
• Logic Level Gate Drive − Can Be Driven by Logic ICs
• Miniature SO−8 Surface Mount Package − Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• I
DSS Specified at Elevated Temperature
• Mounting Information for SO−8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted) (Note 1.)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
12
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MΩ)
VDGR
12
Vdc
Gate−to−Source Voltage − Continuous
VGS
± 8.0
Vdc
Drain Current − Continuous @ TA = 25°C
Drain Current − Continuous @ TA = 100°C
Drain Current − Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
3.4
2.1
17
Adc
Apk
Total Power Dissipation @ TA = 25°C
(Note 2.)
PD
2.0
Watts
Operating and Storage Temperature Range
− 55 to 150
°C
Thermal Resistance − Junction to Ambient
(Note 2.)
RθJA
62.5
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
1. Negative sign for P−Channel device omitted for clarity.
2. Mounted on 2
″ square FR4 board (1″ sq. 2 oz. Cu 0.06″ thick single sided) with
one die operating, 10 sec. max.
Source−1
1
2
3
4
8
7
6
5
Top View
Gate−1
Source−2
Gate−2
Drain−1
Drain−1
Drain−2
Drain−2
D
S
G
2 AMPERES
12 VOLTS
RDS(on) = 180 mW
1
8
Device
Package
Shipping
ORDERING INFORMATION
MMDF2P01HDR2
SO−8
2500 Tape & Reel
SO−8, Dual
CASE 751
STYLE 11
http://onsemi.com
P−Channel
LYWW
MARKING
DIAGRAM
D2P01
D2P01 = Device Code
L
= Location Code
Y
= Year
WW
= Work Week
PIN ASSIGNMENT
Preferred devices are recommended choices for future use
and best overall value.


Similar Part No. - MMDF2P01HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2P01HD MOTOROLA-MMDF2P01HD Datasheet
284Kb / 10P
DUAL TMOS POWER FET 2.0 AMPERES 12 VOLTS
More results

Similar Description - MMDF2P01HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMSD3P303R2 ONSEMI-NTMSD3P303R2 Datasheet
128Kb / 10P
P?묬hannel Enhancement?묺ode Power MOSFET and Schottky Diode Dual SO?? Package
December, 2003 ??Rev. 1
NTMSD3P102R2 ONSEMI-NTMSD3P102R2 Datasheet
126Kb / 10P
P?묬hannel Enhancement?묺ode Power MOSFET and Schottky Diode Dual SO?? Package
December, 2003 ??Rev. 1
MMDF2P02E ONSEMI-MMDF2P02E Datasheet
99Kb / 7P
Power MOSFET 2 Amps, 25 Volts P?묬hannel SO??, Dual
April, 2006 ??Rev. 8
MMDF2P02HD ONSEMI-MMDF2P02HD Datasheet
100Kb / 8P
Power MOSFET 2 Amps, 20 Volts P?묬hannel SO??, Dual
February, 2006 ??Rev. 7
MMSF3P02HD ONSEMI-MMSF3P02HD Datasheet
102Kb / 8P
Power MOSFET 3 Amps, 20 Volts P?묬hannel SO??
February, 2006 ??Rev. 7
MMSF7P03HD ONSEMI-MMSF7P03HD Datasheet
94Kb / 8P
Power MOSFET 7 A, 30 V, P?묬hannel SO??
February, 2006 ??Rev. 7
MMDF2P03HDR2 ONSEMI-MMDF2P03HDR2 Datasheet
236Kb / 10P
Power MOSFET 2 Amps, 30 Volts P?묬hannel SO??, Dual
August, 2006 ??Rev. 8
MMDF3N06HD ONSEMI-MMDF3N06HD Datasheet
276Kb / 12P
N?묬hannel SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
NTR3A085PZ ONSEMI-NTR3A085PZ Datasheet
62Kb / 3P
Power MOSFET Dual P?묬hannel Micro8
December, 2015 ??Rev. P0
MMSF7N03Z ONSEMI-MMSF7N03Z Datasheet
283Kb / 11P
N?묬hannel SO?? Power MOSFET
August, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com