Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF4N01HD Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMDF4N01HD
Description  N?묬hannel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF4N01HD Datasheet(HTML) 3 Page - ON Semiconductor

  MMDF4N01HD Datasheet HTML 1Page - ON Semiconductor MMDF4N01HD Datasheet HTML 2Page - ON Semiconductor MMDF4N01HD Datasheet HTML 3Page - ON Semiconductor MMDF4N01HD Datasheet HTML 4Page - ON Semiconductor MMDF4N01HD Datasheet HTML 5Page - ON Semiconductor MMDF4N01HD Datasheet HTML 6Page - ON Semiconductor MMDF4N01HD Datasheet HTML 7Page - ON Semiconductor MMDF4N01HD Datasheet HTML 8Page - ON Semiconductor MMDF4N01HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MMDF4N01HD
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
VGS = 4.5 V
ID = 4 A
8
TJ = 25°C
4.5 V
VGS = 8 V
3.1 V
2.7 V
2.5 V
2.3 V
2.1 V
1.9 V
1.5 V
1.7 V
1.3 V
TJ = 25°C
VGS = 2.7 V
4.5 V
0
0.4
0.8
1.2
1.6
2
0.2
0.6
1
1.4
1.8
0
0.4
0.8
1.2
1.6
2
0.2
0.6
1
1.4
1.8
0
2
4
6
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
1
1.2
1.4
2.2
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
02
4
8
0.03
0.04
0.05
0.06
0.07
02
4
8
0.030
0.035
0.040
0.050
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 3. On−Resistance versus
Gate−To−Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
02
4
12
100
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−To−Source Leakage
Current versus Voltage
VDS ≥ 10 V
VGS = 0 V
TJ = 25°C
ID = 2 A
1.6
1.8
2
6
−50
−25
0
25
50
75
100
125
150
TJ = 125°C
10
810
100
°C
0
2
4
8
6
25
°C
100
°C
TJ = −55°C
0.045
6
6
0
0.5
1
2
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com